Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1071-1ACCZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1071-1ACCZ-R7
Description  Isolated Synchronous Flyback Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1071-1ACCZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1071-1ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP1071-1ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP1071-1ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADP1071-1ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADP1071-1ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP1071-1ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP1071-1ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP1071-1ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP1071-1ACCZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 27 of 27
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP1071-1ARWZ
−40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADP1071-1ARWZ-RL
−40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADP1071-1ARWZ-R7
−40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADP1071-1ACCZ
−40°C to +125°C
24-Terminal Land Grid Array [LGA]
CC-24-6
ADP1071-1ACCZ-RL
−40°C to +125°C
24-Terminal Land Grid Array [LGA]
CC-24-6
ADP1071-1ACCZ-R7
−40°C to +125°C
24-Terminal Land Grid Array [LGA]
CC-24-6
ADP1071-2ARWZ
−40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADP1071-2ARWZ-RL
−40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADP1071-2ARWZ-R7
−40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADP1071-2ACCZ
−40°C to +125°C
24-Terminal Land Grid Array [LGA]
CC-24-6
ADP1071-2ACCZ-RL
−40°C to +125°C
24-Terminal Land Grid Array [LGA]
CC-24-6
ADP1071-2ACCZ-R7
−40°C to +125°C
24-Terminal Land Grid Array [LGA]
CC-24-6
ADP1071-1EVALZ
ADP1071-1 Evaluation Board with Wide-Body IC
ADP1071-2EBZ12.1V
ADP1071-2 Evaluation Board with Wide-Body IC
1
Z = RoHS Compliant Part.
©2018–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15626-0-4/19(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com