Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5027BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5027BCCZN-R7
Description  Silicon SPDT Switch, Nonreflective
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5027BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5027BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5027BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5027BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5027BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5027BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5027BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5027BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5027BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5027BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ADRF5027
Data Sheet
Rev. 0 | Page 12 of 13
Narrow-Band Impedance Matching
5G mmWave Frequencies
Narrow-band impedance matching on the RF transmission
lines can improve return loss and insertion loss for a targeted
frequency range. The impedance matched circuit, highlighted
in Figure 22, achieves a low insertion loss response of 2.2 dB
from 28 GHz to 43 GHz (see Figure 23). The dimensions of the
50 Ω lines are 14 mil trace width and a 7 mil gap. To implement
this impedance matched circuit, an 8 mil trace with a width of
5 mil is inserted between the pin pad and the 50 Ω trace.
Table 7, Figure 23, Figure 24, and Figure 25 show the measured
performance of ADRF5027 on the impedance matched circuit
on the probe matrix board.
RFC
VSS
EN
CTRL
VDD
RF2
EPAD
RF1
7mil
7mil
5mil
8mil 10mil
14mil
Figure 22. Impedance Matched Circuit
Table 7. Impedance Matched Parameters
Parameter
Test Condition
Typ
Unit
Insertion Loss
See Figure 23
Between RFC and RF1/RF2
9 kHz to 18 GHz
1.1
dB
18 GHz to 26 GHz
1.8
dB
26 GHz to 35 GHz
2.3
dB
35 GHz to 40 GHz
2.2
dB
40 GHz to 44 GHz
2.7
dB
Return Loss
See Figure 24
RFC and RF1/RF2 (On)
9 kHz to 18 GHz
20
dB
18 GHz to 26 GHz
8
dB
26 GHz to 35 GHz
7
dB
35 GHz to 40 GHz
10
dB
40 GHz to 44 GHz
14
dB
RF1/RF2 (Off)
See Figure 24
9 kHz to 18 GHz
25
dB
18 GHz to 26 GHz
23
dB
26 GHz to 35 GHz
17
dB
35 GHz to 40 GHz
11
dB
40 GHz to 44 GHz
7
dB
0
–5
–4
–3
–2
–1
0
5
10
15
25
35
20
30
40
45
FREQUENCY (GHz)
Figure 23. Insertion Loss vs. Frequency, with Impedance Matching
0
–50
–40
–30
–20
–10
–45
–35
–25
–15
–5
0
5
10
15
25
35
20
30
40
45
FREQUENCY (GHz)
RFC
RF1/RF2 ON
RF1/RF2 OFF
Figure 24. Return Loss vs. Frequency, with Impedance Matching
FREQUENCY (GHz)
0
–80
–70
–60
–50
–40
–30
–20
–10
RFC TO RF1/RF2
RF1 TO RF2
0
5
10
15
25
35
20
30
40
45
Figure 25. Isolation vs. Frequency, with Impedance Matching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com