Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5545ABCPZN Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5545ABCPZN
Description  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5545ABCPZN Datasheet(HTML) 2 Page - Analog Devices

  ADRF5545ABCPZN Datasheet HTML 1Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 2Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 3Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 4Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 5Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 6Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 7Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 8Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADRF5545A
Data Sheet
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Specifications............................................................... 3
2.6 GHz Tuned Operation........................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Interface Schematics..................................................................... 7
Typical Performance Characteristics ............................................. 8
Receive Operation, High Gain Mode .........................................8
Receive Operation, Low Gain Mode........................................ 10
Transmit Operation ................................................................... 12
Receive Operation, High Gain Mode with 2.6 GHz Tuning 13
Receive Operation, Low Gain Mode with 2.6 GHz Tuning . 15
Transmit Operation at with 2.6 GHz Tuning ......................... 17
Theory of Operation ...................................................................... 18
Signal Path Select........................................................................ 18
Biasing Sequence ........................................................................ 18
Applications Information .............................................................. 19
2.6 GHz Operation..................................................................... 19
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
5/2019—Revision A: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com