Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69108 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # PD69108
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button PD69108 Datasheet HTML 9Page - Microsemi Corporation PD69108 Datasheet HTML 10Page - Microsemi Corporation PD69108 Datasheet HTML 11Page - Microsemi Corporation PD69108 Datasheet HTML 12Page - Microsemi Corporation PD69108 Datasheet HTML 13Page - Microsemi Corporation PD69108 Datasheet HTML 14Page - Microsemi Corporation PD69108 Datasheet HTML 15Page - Microsemi Corporation PD69108 Datasheet HTML 16Page - Microsemi Corporation PD69108 Datasheet HTML 17Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
13
8 PORTS PSE POE MANAGER
TM
®
Logic Main Control Module
The Logic Main Control Block includes the Digital Timing
Mechanisms and State Machines synchronizing and
activating PoE functions according to MCU control
commands such as:
Real Time Protection (RTP)
Start Up Macro (DVDT)
Load Signature Detection (RES DET)
Classification Macro (CLASS)
Voltage and Current Monitoring Registers (VMC)
ADC Interfacing
Direct Digital Signals with Analog Block
Line Detection Generator
Upon request from the MCU to the Main Control
Module, four different voltage levels are generated by
the Line Detection Generator to ensure a robust AF / AT
Line Detection functionality.
Classification Generator
Upon request from the MCU to the Main Control
Module, the State Machine applies a regulated Class
Event and Mark Event voltage to the ports, as required
by the IEEE standard.
Current Limiter
This circuit continuously monitors the current of powered
ports and limits the current to a specific value, according
to pre-defined limits as set by AF/AT and Current_Set
pins. In cases where the current exceeds this specific
level, the system starts measuring the elapsed time. If
this time period is greater than a preset threshold, the
port is disconnected.
Main MOSFET
Main power switching FET, used to control PoE current
into the load.
ADC
A 10-Bit Analog to Digital converter, used to convert
analog signals into digital registers for the Logic Control
module.
Power on Reset (POR)
Monitors the internal 3.3 V voltage DC levels; if this
voltage drops below specific thresholds, a reset signal is
generated and the PD69108 is reset.
Voltage Regulator
The voltage regulator generates 3.3 VDC and 5 VDC for
the internal circuitry. These voltages are derived from
the Vmain supply.
To use the internal voltage regulator connect:
VAUX5 to DRV_VAUX5
VAUX3P3 to VAUX3P3_INT
REG_EN_N to AGND.
There are two options to reduce the PD69108 power
dissipation by regulating the voltage outside the chip:
Use an external NPN transistor to regulate the
5 VDC.
In this setup, the configuration of the regulators pins
should be:
• DRV_VAUX5 is connected to the NPN BASE
• VAUX5 is connected to the NPN EMITTER
(Connect the Collector to VMAIN)
• VAUX3P3 is connected to VAUX3P3_INT
• REG_EN_N is connected to AGND
Supply the PD69108 with an external 3.3 V voltage
regulator.
In this setup, the configuration of the regulators pins
should be:
• VAUX5 is connected to DRV_VAUX5
• VAUX3P3_INT is connected to VAUX5
• VAUX3P3 is connected to the external 3.3 V
• REG_EN_N is connected to VAUX3P3
The above two options can be implemented
simultaneously.
CLK
CLK is an internal 8 MHz clock oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com