Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1189 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1189
Description  Programmable synchronous DC/DC Converter, Dual LDO Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1189 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1189 Datasheet HTML 7Page - Semtech Corporation SC1189 Datasheet HTML 8Page - Semtech Corporation SC1189 Datasheet HTML 9Page - Semtech Corporation SC1189 Datasheet HTML 10Page - Semtech Corporation SC1189 Datasheet HTML 11Page - Semtech Corporation SC1189 Datasheet HTML 12Page - Semtech Corporation SC1189 Datasheet HTML 13Page - Semtech Corporation SC1189 Datasheet HTML 14Page - Semtech Corporation SC1189 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1189
FOLDBACK CURRENT LIMITING
The SC1189 implements a “Hard Current Limit”
overcurrent protection for the switching supply output. In
a short circuit condition, this will lead to higher than nor-
mal power dissipation in the bottom side FETs. If this is
problematic, foldback current limiting can be easily and
inexpensively implemented to drastically reduce dissipa-
tion during output short circuit
Output Current Path
D1
1N4148
To CS+
To CS-
L1
VCS
VO
VIN
RA
RB
RC
RD
RF
RS
Foldback current limit components
0
1
01
Breakpoint
IOLIM
IOS
VB
Foldback current limit characteristics
For a complete design procedure for foldback current lim-
iting see Application Note AN01-2, “Foldback Current
Limit”. An abbreviated procedure is given below.
1) Choose values for I
OLIM and RS and calculate the ratio
S
O
CS
F
D
F
R
I
V
R
R
R
LIM ⋅
=
+
If this ratio > 1, the value of R
S or IOLIM must be increased.
Then let R
F=1kW and calculate RD.
2) Choose a short circuit current (I
OS) and calculate M, do
not be too agressive with M, a value between 2 and 3
should be sufficient. Choosing too low a value for I
OS will
result in a high value for M and may cause startup prob-
lems due to insufficient current.
OS
OLIM
I
I
M
=
3) Choose V
B and calculate RB
)
R
R
(
V
)
1
M
(
R
R
V
M
R
F
D
CS
F
D
B
B
+
−
⋅
⋅
⋅
=
4) Calculate the ratio of the input divider
0.6V)
(
diode
of
drop
Voltage
Forward
V
where
V
V
V
V
)
R
R
(
R
F
IN
F
CS
B
C
A
C
≈
=
+
+
=
+
Choose R
C<RB/10 and calculate RA
SHOR
SHOR
SHOR
SHOR
SHORT CIR
T CIR
T CIR
T CIR
T CIRCUIT PR
CUIT PR
CUIT PR
CUIT PR
CUIT PRO
O
O
O
OTECTION - LINEARS
TECTION - LINEARS
TECTION - LINEARS
TECTION - LINEARS
TECTION - LINEARS
The Short circuit feature on the linear controllers is imple-
mented by using the Rds(on) of the FETs. As output cur-
rent increases, the regulation loop maintains the output
voltage by turning the FET on more and more. Eventually,
as the Rds(on) limit is reached, the FET will be unably to
turn on more fully, and output voltage will start to fall.
When the output voltage falls to approximately 50% of
nominal, the LDO controller is latched off, setting output
voltage to 0. Power must be cycled to reset the latch.
To prevent false latching due to capacitor inrush currents
or low supply rails, the current limit latch is initially dis-
abled. It is enabled at a preset time (nominally 2mS) after
both the LDOV and LDOEN rails rise above their lockout
points.
To be most effective, the linear FET Rds(on) should not be
selected artificially low, the FET should be chosen so that,
at maximum required current, it is almost fully turned on.
If, for example, a linear supply of 1.5V at 4A is required
from a 3.3V ± 5% rail, max allowable Rds(on) would be.
Rds(on)max = (0.95*3.3-1.5)/4 » 400m
Ω
To allow for temperature effects 200m
Ω would be a suit-
able room temperature maximum, allowing a peak short
circuit current of approximately 15A for a short time be-
fore shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com