Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4793B-FP Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U4793B-FP
Description  CURRENT MONITOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4793B-FP Datasheet(HTML) 2 Page - ATMEL Corporation

  U4793B-FP Datasheet HTML 1Page - ATMEL Corporation U4793B-FP Datasheet HTML 2Page - ATMEL Corporation U4793B-FP Datasheet HTML 3Page - ATMEL Corporation U4793B-FP Datasheet HTML 4Page - ATMEL Corporation U4793B-FP Datasheet HTML 5Page - ATMEL Corporation U4793B-FP Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
U4793B
4557A–AUTO–11/02
Pin Configuration
Figure 2. Pinning DIP8/SO8
GND
VS
OUT2
IN1
Input switch
VRef
IN2
OUT1
1
2
3
4
8
7
6
5
Pin Description
Pin
Symbol
Function
1
GND
Reference point, ground
2
VS
Supply voltage
3
OUT2
Output 2
4
IN1
Input 1
5
OUT1
Output 1
6
IN2
Input 2
7
VRef
Reference voltage
8
Input switch
Input switch
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
Pin 2, 7
V
S
16.5
V
Current consumption
t = 2 ms, measured at Pin 1 (GND) Pin 1
I
1
1.5
A
Output current
Pin 3, 5
I
3,5
20
mA
Input voltage reference point Pin 7 Pin 4, 6
-V
4,6
6V
Power dissipation
T
amb = 125°C,DIP8
SO8
Ptot
220
150
mW
mW
Tamb = 95°C, DIP8
SO8
P
tot
420
360
mW
mW
T
amb = 60°C, DIP8
SO8
P
tot
690
560
mW
mW
Ambient temperature range
T
amb
-40 to +125
°C
Storage temperature range
T
stg
-55 to +125
°C
Junction temperature
T
j
150
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP8
SO8
R
thJA
R
thJA
110
160
K/W
K/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com