Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8112 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8112
Description  30V 1.2A 1.4MHz Synchronous Step-Down Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8112 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8112 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8112 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8112 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8112 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8112 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8112 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8112 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
Functional Block Diagram
VCC REGULATOR
OSCILLATOR
REFERENCE
1M
400k
56pF
1pF
COMPARATOR
ON TIME CONTROL
LOGIC CONTROL
∑
BOOST
REGULATOR
HS
DRIVER
LS
DRIVER
VCC
VCC
VIN
EN
FB
GND
SW
BS
CURRENT LIMIT
COMPARATOR
+
+
-
CURRENT SENSE
AMPLIFIER
RSEN
ERROR AMPLIFIER
+
-
+
-
Figure 2.
Block Diagram
Functions Description
Internal Regulator
The
is a current mode step down DC/DC converter that provides excellent transient response with no
extra external compensation components. This device contains an internal, low resistance, high voltage power
MOSFET, and operates at a high 1.4MHz operating frequency to ensure a compact, high efficiency design with
excellent AC and DC performance.
Error Amplifier
The error amplifier compares the FB pin voltage with the internal FB reference (VFB) and outputs a current
proportional to the difference between the two. This output current is then used to charge or discharge the internal
compensation network to form the COMP voltage, which is used to control the power MOSFET current. The
optimized internal compensation network minimizes the external component counts and simplifies the control loop
design.
Internal Soft-Start
The soft-start is implemented to prevent the converter output voltage from overshooting during startup. When the
chip starts, the internal circuitry generates a soft-start voltage (SS) ramping up from 0V to 0.8V. When it is lower
than the internal reference (REF), SS overrides REF so the error amplifier uses SS as the reference. When SS is
higher than REF, REF regains control. The SS time is internally fixed to 1.6ms.
Over Current Protection & Hiccup
The HM8112 has cycle-by-cycle over current limit when the inductor current peak value exceeds the set current
limit threshold. Meanwhile, output voltage starts to drop until FB is below the Under-Voltage (UV) threshold,
typically 25% below the reference. Once a UV is triggered, the HM8112 enters hiccup mode to periodically restart
HM8112
HM8112



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com