Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8521 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8521
Description  3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8521 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8521 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8521 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8521 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8521 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8521 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8521 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8521 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8521 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8521 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics
3
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
INPUT CHARACTERISTICS
VOS
Input offset voltage
-4.2
±0.5
+4.2
mV
over Temperature
-4.5
+4.5
VOS TC
Offset voltage drift
over Temperature
2
μV/
℃
IB
Input bias current
120
pA
over Temperature
800
IOS
Input offset current
1pA
VCM
Common-mode voltage
range
VS––0.3
VS++0.3
V
CMRR
Common-mode rejection
ratio
VCM = 0.05V to 3.5V
80
102
dB
over Temperature
70
VCM = VS––0.1 to VS++0.1 V
72
88
over Temperature
60
AVOL
Open-loop voltage gain
VO = 0.05 to 3.5 V
90
110
dB
over Temperature
82
RIN
Input resistance
100
GΩ
CIN
Input capacitance
Differential
2.0
pF
Common mode
3.5
OUTPUT CHARACTERISTICS
VOH
High output voltage swing
VS+–6
mV
VOL
Low output voltage swing
6mV
ISC
Short-circuit current
Source current through 10Ω
52
mA
Sink current through 10Ω
41
DYNAMIC PERFORMANCE
GBW
Gain bandwidth product
f = 1kHz
90
kHz
ΦM
Phase margin
CL = 100pF
66
°
SR
Slew rate
G = +1, CL = 100pF, VO = 1.5V to 3.5V
0.04
V/μs
tS
Settling time
To 0.1%, G = +1, 2V step
51
μs
To 0.01%, G = +1, 2V step
55
NOISE PERFORMANCE
Vn
Input voltage noise
f = 0.1 to 10 Hz
12
μVP-P
en
Input voltage noise
density
f = 10kHz
90
nV/√Hz
POWER SUPPLY
VS
Operating supply voltage
2.3
5.5
V
PSRR
Power supply rejection
ratio
VS = 2.7V to 5.5V, VCM < VS+ − 2V
80
102
dB
over Temperature
75
VS =5.0V, TA =+25℃,VCM =VS /2, VO =VS /2, and RL = 10kΩ connected to VS /2, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = −40 to +125 ℃.
HM8521, HM8522, HM8524
3.4μA, 90kHz, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com