Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC157AD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC157AD
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC157AD Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC157AD Datasheet HTML 1Page - Texas Instruments SN74LVC157AD Datasheet HTML 2Page - Texas Instruments SN74LVC157AD Datasheet HTML 3Page - Texas Instruments SN74LVC157AD Datasheet HTML 4Page - Texas Instruments SN74LVC157AD Datasheet HTML 5Page - Texas Instruments SN74LVC157AD Datasheet HTML 6Page - Texas Instruments SN74LVC157AD Datasheet HTML 7Page - Texas Instruments SN74LVC157AD Datasheet HTML 8Page - Texas Instruments SN74LVC157AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54LVC157A, SN74LVC157A
QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCAS292O − JANUARY 1993 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 7)
SN54LVC157A
−55 TO 125
°C
UNIT
MIN
MAX
UNIT
VCC
Supply voltage
Operating
2
3.6
V
VCC
Supply voltage
Data retention only
1.5
V
VIH
High-level input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level input voltage
VCC = 2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 2.7 V
−12
mA
IOH
High-level output current
VCC = 3 V
−24
mA
IOL
Low-level output current
VCC = 2.7 V
12
mA
IOL
Low-level output current
VCC = 3 V
24
mA
NOTE 7: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
recommended operating conditions (see Note 7)
SN74LVC157A
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
3.6
1.65
3.6
1.65
3.6
V
VCC
Supply voltage
Data retention only
1.5
1.5
1.5
V
High-level input
VCC = 1.65 V to 1.95 V
0.65
× VCC
0.65
× VCC
0.65
× VCC
VIH
High-level input
voltage
VCC = 2.3 V to 2.7 V
1.7
1.7
1.7
V
VIH
voltage
VCC = 2.7 V to 3.6 V
2
2
2
V
Low-level input
VCC = 1.65 V to 1.95 V
0.35
× VCC
0.35
× VCC
0.35
× VCC
VIL
Low-level input
voltage
VCC = 2.3 V to 2.7 V
0.7
0.7
0.7
V
VIL
voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
VCC = 1.65 V
−4
−4
−4
IOH
High-level
VCC = 2.3 V
−8
−8
−8
mA
IOH
High-level
output current
VCC = 2.7 V
−12
−12
−12
mA
output current
VCC = 3 V
−24
−24
−24
VCC = 1.65 V
4
4
4
IOL
Low-level
VCC = 2.3 V
8
8
8
mA
IOL
Low-level
output current
VCC = 2.7 V
12
12
12
mA
output current
VCC = 3 V
24
24
24
∆t/∆v
Input transition rise or fall rate
10
10
10
ns/V
NOTE 7: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com