Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATE-R11-5W Datasheet(PDF) 6 Page - Shanghai Toplite Technology Company Limited

Part # ATE-R11-5W
Description  SPECIFICATIONS FOR TOPLITE COB MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPLITE [Shanghai Toplite Technology Company Limited]
Direct Link  http://www.topliteusa.com
Logo TOPLITE - Shanghai Toplite Technology Company Limited

ATE-R11-5W Datasheet(HTML) 6 Page - Shanghai Toplite Technology Company Limited

  ATE-R11-5W Datasheet HTML 1Page - Shanghai Toplite Technology Company Limited ATE-R11-5W Datasheet HTML 2Page - Shanghai Toplite Technology Company Limited ATE-R11-5W Datasheet HTML 3Page - Shanghai Toplite Technology Company Limited ATE-R11-5W Datasheet HTML 4Page - Shanghai Toplite Technology Company Limited ATE-R11-5W Datasheet HTML 5Page - Shanghai Toplite Technology Company Limited ATE-R11-5W Datasheet HTML 6Page - Shanghai Toplite Technology Company Limited ATE-R11-5W Datasheet HTML 7Page - Shanghai Toplite Technology Company Limited ATE-R11-5W Datasheet HTML 8Page - Shanghai Toplite Technology Company Limited ATE-R11-5W Datasheet HTML 9Page - Shanghai Toplite Technology Company Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TECHNICAL DATA SHEET
ATE-R11-5W
<TOPLITE COB MODULE>
5 / 8
A/1
ATE-R11-5W/D/C-B II
SERIES
Revision issued in 2013.
4. RELIABILITY
The reliability of products shall be satisfied with items listed below.
4-1. TEST ITEMS AND TEST CONDITIONS
NO.
TEST ITEM
TEST CONDITIONS
RESULT
1
Continuous operation test
Ta = 25℃, IF = 140mA × 1000 hours(with Al fin)
PASS
Ta = 80℃, T j≒120℃, IF =140mA × 1000
hours(with Al fin)
2
Low temperature storage
Ta =-40℃×1000 hours
PASS
3
High temperature storage
Ta =100℃×1000 hours
PASS
4
Moisture resistance
Ta =60℃, 90%RH for 1000 hours
PASS
5
Thermal shock
Ta =-40℃×30minutes~100℃×30minutes, 100
cycle
PASS
4-2. FAILURE CRITERIA
NO.
PARAMETER
SYMBOL
FAILURE CRITERIA
1
Forward Voltage
VF
VF > Initial value × 1.1
2
Luminous Flux
Φ
Ф < Initial value × 0.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com