Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATE-R11-7W Datasheet(PDF) 3 Page - Shanghai Toplite Technology Company Limited

Part # ATE-R11-7W
Description  SPECIFICATIONS FOR TOPLITE COB MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPLITE [Shanghai Toplite Technology Company Limited]
Direct Link  http://www.topliteusa.com
Logo TOPLITE - Shanghai Toplite Technology Company Limited

ATE-R11-7W Datasheet(HTML) 3 Page - Shanghai Toplite Technology Company Limited

  ATE-R11-7W Datasheet HTML 1Page - Shanghai Toplite Technology Company Limited ATE-R11-7W Datasheet HTML 2Page - Shanghai Toplite Technology Company Limited ATE-R11-7W Datasheet HTML 3Page - Shanghai Toplite Technology Company Limited ATE-R11-7W Datasheet HTML 4Page - Shanghai Toplite Technology Company Limited ATE-R11-7W Datasheet HTML 5Page - Shanghai Toplite Technology Company Limited ATE-R11-7W Datasheet HTML 6Page - Shanghai Toplite Technology Company Limited ATE-R11-7W Datasheet HTML 7Page - Shanghai Toplite Technology Company Limited ATE-R11-7W Datasheet HTML 8Page - Shanghai Toplite Technology Company Limited ATE-R11-7W Datasheet HTML 9Page - Shanghai Toplite Technology Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TECHNICAL DATA SHEET
ATE-R11-7W
<TOPLITE COB MODULE>
2 / 8
A/1
ATE-R11-7W/D/C-B II
SERIES
Revision issued in 2013.
3. PERFORMANCE PARAMETERS
3-1. ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
RATING
UNIT
Power Dissipation
P
10.69
W
Forward Current
IF
270
mA
Reverse Voltage
VR
60
V
Operating Temperature
Topr
- 30 ~ + 80
Storage Temperature
Tstg
- 40 ~ + 100
Junction Temperature
Tjmax
+ 125
Note:
*1. Forward Current allows maximum surge current ≤ 10ms.
*2. Power dissipation and forward current are the values when the LED is used within the range of the derating curve in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com