Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-R30 Datasheet(PDF) 4 Page - Shanghai Toplite Technology Company Limited

Part # ATS-R30
Description  SPECIFICATIONS FOR TOPLITE COB MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPLITE [Shanghai Toplite Technology Company Limited]
Direct Link  http://www.topliteusa.com
Logo TOPLITE - Shanghai Toplite Technology Company Limited

ATS-R30 Datasheet(HTML) 4 Page - Shanghai Toplite Technology Company Limited

  ATS-R30 Datasheet HTML 1Page - Shanghai Toplite Technology Company Limited ATS-R30 Datasheet HTML 2Page - Shanghai Toplite Technology Company Limited ATS-R30 Datasheet HTML 3Page - Shanghai Toplite Technology Company Limited ATS-R30 Datasheet HTML 4Page - Shanghai Toplite Technology Company Limited ATS-R30 Datasheet HTML 5Page - Shanghai Toplite Technology Company Limited ATS-R30 Datasheet HTML 6Page - Shanghai Toplite Technology Company Limited ATS-R30 Datasheet HTML 7Page - Shanghai Toplite Technology Company Limited ATS-R30 Datasheet HTML 8Page - Shanghai Toplite Technology Company Limited ATS-R30 Datasheet HTML 9Page - Shanghai Toplite Technology Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TECHNICAL DATA SHEET
ATS-R30
<FOR TOPLITE COB MODULE>
3 / 9
A/1
ATS-R30 SERIES
Revision issued in 2014.
3-2. ELECTRICAL-OPTICAL CHARACTERISTICS
(TC=25℃)
**
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
common
Forward Voltage *1
VF
IF=140mA
29
31
33
V
Beam Angle
120
Deg
W
**
Color Temp.
IF=140mA
2870
3045
3220
K
**
Color Rendering Index *3
Ra
80
W1
Luminous Flux *2
Φ
340
365
lm
Luminous Efficiency
η
80
85
lm/W
W2
Luminous Flux *2
Φ
370
387
lm
Luminous Efficiency
η
86
90
lm/W
D
**
Color Temp.
IF=140mA
4745
5028
5311
K
**
Color Rendering Index *3
Ra
80
D1
Luminous Flux *2
Φ
387
408
lm
Luminous Efficiency
η
90
95
lm/W
D2
Luminous Flux *2
Φ
412
430
lm
Luminous Efficiency
η
96
100
lm/W
C
**
Color Temp.
IF=140mA
6020
6530
7040
K
**
Color Rendering Index *3
Ra
80
C1
Luminous Flux *2
Φ
408
430
lm
Luminous Efficiency
η
95
100
lm/W
C2
Luminous Flux *2
Φ
434
451
lm
Luminous Efficiency
η
101
105
lm/W
(Note) Parameters is formulated based on shipping samples
*1. After 20 ms drive, Measurement tolerance: ± 3 %
*2. Monitored by Toplight's 1 m integrating sphere, after 20 ms drive, Measurement tolerance: ± 10 %
*3. Monitored by Toplight's 1 m integrating sphere, after 20 ms drive, Measurement tolerance:± 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com