Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE-R8-3Y36HC Datasheet(PDF) 3 Page - Shanghai Toplite Technology Company Limited

Part # TE-R8-3Y36HC
Description  TECHNICAL DATA SHEET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPLITE [Shanghai Toplite Technology Company Limited]
Direct Link  http://www.topliteusa.com
Logo TOPLITE - Shanghai Toplite Technology Company Limited

TE-R8-3Y36HC Datasheet(HTML) 3 Page - Shanghai Toplite Technology Company Limited

  TE-R8-3Y36HC Datasheet HTML 1Page - Shanghai Toplite Technology Company Limited TE-R8-3Y36HC Datasheet HTML 2Page - Shanghai Toplite Technology Company Limited TE-R8-3Y36HC Datasheet HTML 3Page - Shanghai Toplite Technology Company Limited TE-R8-3Y36HC Datasheet HTML 4Page - Shanghai Toplite Technology Company Limited TE-R8-3Y36HC Datasheet HTML 5Page - Shanghai Toplite Technology Company Limited TE-R8-3Y36HC Datasheet HTML 6Page - Shanghai Toplite Technology Company Limited TE-R8-3Y36HC Datasheet HTML 7Page - Shanghai Toplite Technology Company Limited TE-R8-3Y36HC Datasheet HTML 8Page - Shanghai Toplite Technology Company Limited TE-R8-3Y36HC Datasheet HTML 9Page - Shanghai Toplite Technology Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TECHNICAL DATA SHEET
产品数据表
TE-R8-3 XXXX
<FOR COB MODULE>
2 / 12
PREPARED BY:Lisa.y
TE-R8
SERIES
A/3
Revision issued in 2014.
4.
PERFORMANCE PARAMETERS
性能参数
4-1. ELECTRICAL-OPTICAL CHARACTERISTICS
电气特性与光特性
(Tc=25℃)
**
PARAMETER
参数
SYMBOL
符号
CONDITION
条件
MIN.
最小值
TYP.
典型值
MAX.
最大值
UNIT
单位
common
Forward Voltage 电压
*4
VF
IF=80mA
33.6
36.0
39.6
V
Power 功率
P
—
2.9
—
W
Beam Angle 发光角度
Deg
—
120
—
Deg
Y*
Color Temp
*1 色温
TC
IF=80mA
2580
2725
2870
Color Rendering Index
*3 显指
Ra
80
—
Luminous Flux
*2 光通量
Φ
270
300
—
Luminous Efficiency 光效
η
100
104
—
W
*
Color Temp
*1 色温
TC
IF=80mA
2870
3045
3220
K
Color Rendering Index
*3 显指
Ra
80
—
—
—
Luminous Flux
*2 光通量
Φ
284
324
—
lm
Luminous Efficiency 光效
η
105
108
—
lm/W
D
*
Color Temp
*1 色温
TC
IF=80mA
4745
5028
5311
K
Color Rendering Index
*3 显指
Ra
80
—
—
Luminous Flux
*2
光通量
Φ
302
342
—
lm
Luminous Efficiency 光效
η
112
118
—
lm/W
C
*
Color Temp
*1 色温
TC
IF=80mA
6020
6530
7040
K
Color Rendering Index
*3 显指
Ra
80
—
—
—
Luminous Flux
*2 光通量
Φ
289
334
—
lm
Luminous Efficiency 光效
η
107
115
—
lm/W
Note:
*1.
Color Temp
(Y、W:warm white,D:natural white;C:cool white) ;
色温(Y、W:暖白,D:自然白;C:冷白)。
*2.
After 20 ms drive, Measurement tolerance: ±5 %
经过 20 毫秒测试,测试公差:±5%。
*3.
After 20 ms drive, Measurement tolerance:±2%
经过 20 毫秒测试,测试公差:±2%。
*4.
After 20 ms drive, Measurement tolerance:±3%
经过 20 毫秒测试,测试公差:±3%。
*5.
The data above comes from Shanghai Toplite -ZVISION 1 meter integrating sphere
以上数据来源于鼎晖科技-中为光电 1 米积分球



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com