Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE-R8-3D36HD Datasheet(PDF) 7 Page - Shanghai Toplite Technology Company Limited

Part # TE-R8-3D36HD
Description  TECHNICAL DATA SHEET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPLITE [Shanghai Toplite Technology Company Limited]
Direct Link  http://www.topliteusa.com
Logo TOPLITE - Shanghai Toplite Technology Company Limited

TE-R8-3D36HD Datasheet(HTML) 7 Page - Shanghai Toplite Technology Company Limited

Back Button TE-R8-3D36HD Datasheet HTML 3Page - Shanghai Toplite Technology Company Limited TE-R8-3D36HD Datasheet HTML 4Page - Shanghai Toplite Technology Company Limited TE-R8-3D36HD Datasheet HTML 5Page - Shanghai Toplite Technology Company Limited TE-R8-3D36HD Datasheet HTML 6Page - Shanghai Toplite Technology Company Limited TE-R8-3D36HD Datasheet HTML 7Page - Shanghai Toplite Technology Company Limited TE-R8-3D36HD Datasheet HTML 8Page - Shanghai Toplite Technology Company Limited TE-R8-3D36HD Datasheet HTML 9Page - Shanghai Toplite Technology Company Limited TE-R8-3D36HD Datasheet HTML 10Page - Shanghai Toplite Technology Company Limited TE-R8-3D36HD Datasheet HTML 11Page - Shanghai Toplite Technology Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TECHNICAL DATA SHEET
产品数据表
TE-R8-3 XXXX
<FOR COB MODULE>
6 / 12
PREPARED BY:Lisa.y
TE-R8
SERIES
A/3
Revision issued in 2014.
6.
CHROMATICITY COORDINATES REGIONAL
色度坐标区域
6-1. 2700K CHROMATICITY COORDINATES 2700K 的色度坐标
(Tolerance: x,y ±0.005)
(IF=80mA, Tc= 25℃)
Range
Chromaticity coordinates
NO.1
NO.2
NO.3
NO.4
CENTER
x
0.4813
0.4562
0.4373
0.4593
0.4578
y
0.4319
0.4260
0.3893
0.3944
0.4101
Chromaticity Diagram
Note: The tolerance of measurement:VF±3% , Dv±5% , Chromaticity(x,y)±0.005.
注:测试公差范围:VF±3% ,
Φv±5% , 色坐标±0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com