Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE-R8-5W36HC Datasheet(PDF) 4 Page - Shanghai Toplite Technology Company Limited

Part # TE-R8-5W36HC
Description  TECHNICAL DATA SHEET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPLITE [Shanghai Toplite Technology Company Limited]
Direct Link  http://www.topliteusa.com
Logo TOPLITE - Shanghai Toplite Technology Company Limited

TE-R8-5W36HC Datasheet(HTML) 4 Page - Shanghai Toplite Technology Company Limited

  TE-R8-5W36HC Datasheet HTML 1Page - Shanghai Toplite Technology Company Limited TE-R8-5W36HC Datasheet HTML 2Page - Shanghai Toplite Technology Company Limited TE-R8-5W36HC Datasheet HTML 3Page - Shanghai Toplite Technology Company Limited TE-R8-5W36HC Datasheet HTML 4Page - Shanghai Toplite Technology Company Limited TE-R8-5W36HC Datasheet HTML 5Page - Shanghai Toplite Technology Company Limited TE-R8-5W36HC Datasheet HTML 6Page - Shanghai Toplite Technology Company Limited TE-R8-5W36HC Datasheet HTML 7Page - Shanghai Toplite Technology Company Limited TE-R8-5W36HC Datasheet HTML 8Page - Shanghai Toplite Technology Company Limited TE-R8-5W36HC Datasheet HTML 9Page - Shanghai Toplite Technology Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TECHNICAL DATA SHEET
产品数据表
TE-R8-5 XXXX
<FOR COB MODULE>
3 / 12
PREPARED BY:Lisa.y
TE-R8
SERIES
A/3
Revision issued in 2014.
4-2. ABSOLUTE MAXIMUM RATINGS
绝对最大额定参数
ITEM
项目
SYMBOL
符号
RATING
额定值
UNIT
单位
Power Dissipation
功率
P
9.5
W
Forward Current
正向电流
IF
240
mA
Minimum Current
最小电流
IF min
10
mA
Reverse Voltage
反向电压
VR
60
V
Operating Temperature
工作温度
TOP
- 30 ~ + 80
℃
Storage Temperature
储存温度
TST
- 40 ~ + 100
℃
Junction Temperature
结温
TJ
≤110
℃
Note:
*1. Forward Current allows maximum surge current ≤ 10ms.
正向电流允许最大冲击电流小于 10 ms。
*2. Power and the forward current value, should be within the rated parameters of the LED
..
功率与正向电流的数值,应在该 LED 的额定参数范围内



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com