Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9705 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9705
Description  3A Current Limited Load Switch with True Reverse Current Blocking
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9705 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9705 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9705 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9705 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9705 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9705 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9705 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9705 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9705 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev 1.0
2013-05-28
4/8
Recommended Operating Range
Parameter
Limit
Unit
Input Voltage Range (VIN)
1.5 to 6
V
Operating Junction Temperature Range (TJ)
- 40 to 125
℃
Electrical Characteristics
VIN = 5 V, TA = - 40 °C to 85 °C (Typical values are at TA = 25 °C)
Parameter
Symbol
Test Conditions
Limit
Unit
min
typ
max
Operating Voltagec
VIN
1.5
6
V
Quiescent Current
IQ
VIN = 1.8 V, EN = active
4
5
uA
VIN = 2.5 V, EN = active
6
7
VIN = 3.6 V, EN = active
8
10
VIN = 4.3 V, EN = active
10
12
VIN = 5 V, EN = active
11
14
Off Supply Current
IQ(off)
EN = inactive, OUT = open
1
Off Switch Current
IDS(off)
EN = inactive, OUT = GND
1.2
On-Resistance
RDS(on)
VIN = 1.8 V, IL = 100 mA, TA = 25 °C
(a)
68
mΩ
VIN = 2.5 V, IL = 100 mA, TA = 25 °C
(a)
46
VIN = 3.6 V, IL = 100 mA, TA = 25 °C
(a)
33
39
VIN = 4.3 V, IL = 100 mA, TA = 25 °C
(a)
29
34
VIN = 5 V, IL = 100 mA, TA = 25 °C
(a)
26
30
EN Input Low
Voltagec
VIL
VIN = 1.8 V
0.4
V
VIN = 2.5V
0.5
VIN = 3.6 V
0.6
VIN = 4.3 V
0.7
VIN = 5 V
0.8
EN Input High
Voltagec
VIH
VIN = 1.8 V
1.2
VIN = 2.5V
1.4
VIN = 3.6 V
1.6
VIN = 4.3 V
1.7
VIN = 5 V
1.8
EN Input Leakage
ISINK
VEN = 5.5 V
-1
1
uA
RON_PD
Pull-Down
Resistance at
ON pin
VIN=1.5V to 6.0V,TA= -40 to+ 85℃
1
MΩ
VT_RCB
RCB
Protection
Trip Point
VOUT - VIN
45
mV
VR_RCB
RCB
Protection
VIN - VOUT
25
mV
HM9705



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com