Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9709 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9709
Description  Over Voltage and Over Current Protection IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9709 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9709 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9709 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9709 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9709 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9709 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9709 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9709 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9709 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 / 8
Electrical Characteristics
(Typical values are TA=25℃ )
Symbol
Parameter
Conditions
HM9709
Unit
Min.
Typ.
Max.
DC characteristics and Power-ON-Reset
VIN
Input Voltage
3.5
36
V
IQ
Input quiescent current
VIN =5V, EN=LOW, IOUT =0A
110
uA
ISD
VIN =5V, EN=HIGH, IOUT =0A
1
RON
IN-to-OUT ON resistance
VIN =5V, IOUT =1A
130
mΩ
RDISCHARGE
Output discharge resistance
4.3
kΩ
VEN(L)
Enable Threshold Low
Chip enable
0.4
V
VEN(H)
Enable Threshold High
Chip shutdown
1.4
5
V
UVLO
Under voltage lock out threshold
VIN increasing from 0~5V
2.6
2.8
3
V
VHYS-UVLO
Under voltage lock out hysteresis
VIN decreasing from 5~0V
500
mV
TON
Output power-on time
EN = LOW ,
VIN = 0 -> 5V to output ON
9
mS
Turn on through EN
EN = HIGH -> LOW,
VIN = 5V to output ON
9
Input Over-Voltage-Protection (OVP)
VOVP
OVP threshold
VIN increasing from 5~7V
5.8
6.1
6.4
V
VHYS-OVP
OVP hysteresis
VIN decreasing from 7~5V
150
mV
TOVP
OVP active time
VIN = 5 -> 10V
1
uS
TON(OVP)
OVP recovery time
VIN = 10 -> 5V to output ON
9
mS
Input Over-Current-Protection (OCP)
IOCP
OCP threshold
Rset=51K
1.9
A
Rset=82K
1.3
Rset=150K
0.85
IOCPLIMIT
OCP LIMIT Current
Rset=NC
2.1
2.5
A
TOCP
OCP active time
30
mS
VISET
ISET Voltage
0.8
V
TON(OCP)
OCP recovery time
1
S
Over-Temperature-Protection (OTP)
OTP threshold
150
℃
OTP hysteresis
40
℃
HM9709



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com