Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA3021ZGSK Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AA3021ZGSK
Description  3.0 x 2.0 mm Surface Mount LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AA3021ZGSK Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AA3021ZGSK Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3021ZGSK Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3021ZGSK Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3021ZGSK Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAM6456 / 1201008407 Rev No: V.3B Date: 07/18/2017
Page 1 / 4
DESCRIPTIONS
The Green source color devices are made with
InGaN on Sapphire Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
3.0 mm x 2.0 mm, 1.3 mm high, only minimum
space required
Suitable for compact optoelectronic applications
Low power consumption
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
AA3021ZGSK
3.0 x 2.0 mm Surface Mount LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
AA3021ZGSK
Green (InGaN)
Water Clear
400
700
120
°
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - AA3021ZGSK

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA3021ZGS-G TO-GRACE-AA3021ZGS-G Datasheet
860Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021ZGS/G TO-GRACE-AA3021ZGS/G Datasheet
860Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
More results

Similar Description - AA3021ZGSK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3021VRCBS-A KINGBRIGHT-AA3021VRCBS-A Datasheet
306Kb / 5P
3.0 x 2.0 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AA3021LSESK-J4-TR TO-GRACE-AA3021LSESK-J4-TR Datasheet
400Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021LSYSK-J3-TR TO-GRACE-AA3021LSYSK-J3-TR Datasheet
400Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021LZGSK TO-GRACE-AA3021LZGSK Datasheet
402Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021QWS-D TO-GRACE-AA3021QWS-D Datasheet
421Kb / 5P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021SESK TO-GRACE-AA3021SESK Datasheet
401Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021SESK-J3-TR TO-GRACE-AA3021SESK-J3-TR Datasheet
400Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021VRCBS-A TO-GRACE-AA3021VRCBS-A Datasheet
861Kb / 5P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021ZGS-G TO-GRACE-AA3021ZGS-G Datasheet
860Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
KA-3021CGSK TO-GRACE-KA-3021CGSK Datasheet
916Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com