Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP435LS Datasheet(PDF) 2 Page - Anachip Corp

Part # AP435LS
Description  Dual Linear Controller With Shutdown
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP435LS Datasheet(HTML) 2 Page - Anachip Corp

  AP435LS Datasheet HTML 1Page - Anachip Corp AP435LS Datasheet HTML 2Page - Anachip Corp AP435LS Datasheet HTML 3Page - Anachip Corp AP435LS Datasheet HTML 4Page - Anachip Corp AP435LS Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP435/435L
Dual Linear Controller With Shutdown
( Preliminary )
Anachip Corp.
www.anachip.com.tw
Rev. 0.B Dec. 02, 2002
2/5
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
36
V
VSD
Shutdown pin
V
VESD
ESD
2
KV
VIN
Input Voltage
-0.3 ~ +36
V
TOP
Operating temperature range
-55 ~ +125
ºC
TST
Storage temperature range
-65 ~ +150
ºC
θJA (DIP package)
100
θJA (SOP package)
Thermal resistance junction to Ambient
160
ºC/W
TJ
Maximum junction temperature
150
ºC
Electrical Characteristics ( TAMB=25ºC, VCC=5V)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
VCC
Input voltage
3
32
V
ICC(ACTIVE)
Vcc(+)=5V, No Load
,TMIN<TAMB<TMAX
0.7
1.2
ICC(SHUTDOWN)
Supply current
mA
Error-amp ( VCC = 5V, TAMB=25OC,unless otherwise notice )
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TAMB=25
OC
1
4
AP435
TMIN<TAMB<TMAX
5
TAMB=25
OC
0.5
2
VIO
Input Offset voltage
V
V
icm
0
=
AP435L
TMIN<TAMB<TMAX
0.5
3
mV
DVIO
Input Offset voltage Drift
7
C
V
°
/
µ
SVRR
Supply voltage rejection
ratio
VCC
+=5~30V
65
100
dB
ISOURCE Output current source
VCC=+15V,VO=2V,VID=+1V
20
40
mA
ISHORT
Short circuit to Ground
VCC=+15V
40
60
mA
ISINK
Output current Sink
VCC=+15V,VO=2V,VID=-1V
10
20
mA
IIB
Input bias current
Negative input
20
nA
VOH
High Level output voltage
TAMB=25
OC,R
L=10K
VCC
+=30V,T
MIN<TAMB<TMAX
27
28
V
VOL
Low Level output voltage
RL=10K
TMIN<TAMB<TMAX
5
20
mV
AVD
Large signal voltage gain
VCC=+15V,VO=1.4~11.4V,
RL=2K TMIN<TAMB<TMAX
100
V/mV
SR
Slew rate at unity gain
VI=0.5~3V,VCC=15V,RL=2K
,
CL=100pF,unity gain
0.3
0.5
s
V
µ
/
GBP
Gain bandwidth product
VCC=30V,RL=2K,CL=100pF
f = 100Khz,VIN=10mV
0.5
0.9
MHz
THD
Total Harmonic Distortion
VCC=30V,RL=2K,CL=100pF
f = 1Khz,Vo=2VP-P,AV=20dB
0.02
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com