Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD36VAPB Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # ESD36VAPB
Description  ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

ESD36VAPB Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  ESD36VAPB Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd ESD36VAPB Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd ESD36VAPB Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESD Protection Diode
Trustworthy electronic circuit protection expert
ESD36VAPB
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Characteristics Curves
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-off
Voltage
V
RWM
36
V
Reverse Breakdown
Voltage
V
BR
It = 1mA
38
V
Reverse Leakage
Current
IR
VR =VRWM
1
μA
Clamping Voltage
VC
@1A
50
V
@4A
60
V
Junction Capacitance
CJ
VR=0V, f = 1MHz
20
pF
Figure 1- Power Derating Curve
Figure 2- ESD Pulse Waveform
(according to IEC 61000-4-2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com