Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP435LSA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP435LSA
Description  Dual Linear Controller With Shutdown
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP435LSA Datasheet(HTML) 3 Page - Anachip Corp

  AP435LSA Datasheet HTML 1Page - Anachip Corp AP435LSA Datasheet HTML 2Page - Anachip Corp AP435LSA Datasheet HTML 3Page - Anachip Corp AP435LSA Datasheet HTML 4Page - Anachip Corp AP435LSA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP435/435L
Dual Linear Controller With Shutdown
( Preliminary )
Anachip Corp.
www.anachip.com.tw
Rev.0B Dec.02, 2002
3/5
Voltage reference
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TAMB=25
OC
1.237
1.263
AP435
TMIN<TAMB<TMAX
1.225
1.275
TAMB=25
OC
1.245
1.255
VREF
Reference input voltage
AP435L
TMIN<TAMB<TMAX
1.237
1.25
1.263
V
Δ
VREF
Reference input voltage
deviation over
Temperature range
VKA=VREF,IK=10mA
TMIN<TAMB<TMAX
3.0
20
mV
IMIN
Minimum cathode current
for regulation
VKA=VREF
0.15
0.3
mA
Ik
Cathode Current
0.2
1
mA
│
ZKA│
Dynamic impedance
(note1)
VKA=VREF
Δ
IK=1~100mA , f=0
0.2
0.5
Ω
Note 1: The dynamic impedance is defined as│ZKA│=ΔVKA/ΔIK
Shutdown control
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VSDL
Active mode
0.2
V
VSDH
Threshold voltage
Shutdown mode
0.8
V
ISD
Current in shutdown mode
uA
Typical Application Circuit
FB1
GND
OUT1
SD1
Error
Amp1
Error
Amp2
Vref
FB2
SD2
OUT2
VCC
5V
3.3V
NMOS2
22uF
22uF
R3=2.64K
R4=1K
3.3V
2.5V
NMOS1
22uF
22uF
R1=1K
R2=1K
ON/OFF
Input
AP435
12V
V
CC
10K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com