Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102DCT Datasheet(PDF) 4 Page - Texas Instruments

Part # LSF0102DCT
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DCT Datasheet(HTML) 4 Page - Texas Instruments

  LSF0102DCT Datasheet HTML 1Page - Texas Instruments LSF0102DCT Datasheet HTML 2Page - Texas Instruments LSF0102DCT Datasheet HTML 3Page - Texas Instruments LSF0102DCT Datasheet HTML 4Page - Texas Instruments LSF0102DCT Datasheet HTML 5Page - Texas Instruments LSF0102DCT Datasheet HTML 6Page - Texas Instruments LSF0102DCT Datasheet HTML 7Page - Texas Instruments LSF0102DCT Datasheet HTML 8Page - Texas Instruments LSF0102DCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
A1
A2
A3
A4
A5
A6
A7
A8
B1
B2
B3
B4
B5
B6
B7
B8
Vref_A
Vref_B
EN
GND
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
Thermal
Pad
A1
A2
A3
A4
A5
A6
A7
Vref_A
A8
B1
B2
B3
B4
B5
B6
B7
Vref_B
B8
EN
GND 1
3
2
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Vref_A
A2
B2
A1
B1
Vref_B
GND
EN
D1
C1
B1
A1
D2
C2
B2
A2
4
3
2
1
5
7
6
8
EN
Vref_B
B1
B2
GND
Vref_A
A1
A2
GND
EN
Vref_A
A1
A2
Vref_B
B1
B2
1
2
3
4
5
6
7
8
2
5
1
3
4
6
GND
EN
Vref_B
Vref_A
A1
B1
GND
Vref_A
A1
EN
Vref_B
B1
1
2
3
4
5
6
4
LSF0101, LSF0102, LSF0108
SDLS966H – DECEMBER 2013 – REVISED JUNE 2019
www.ti.com
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
Pinout drawings are not to scale.
LSF0101 DRY Package
6-Pin SON
Transparent Top View
LSF0101 DTQ Package - Advance Information
6-Pin X2SON
Transparent Top View
LSF0102 DCT or DCU Package
8-Pin SM8 or VSSOP
Top View
LSF0102 DQE Package
8-Pin X2SON
Transparent Top View
LSF0102 YZT Package
8-Pin DSBGA
Bottom View
LSF0108 PW Package
20-Pin TSSOP
Top View
LSF0108 RKS Package
20-Pin VQFN
Transparent Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCT, DCU, DQE,
YZT NO.
DRY, DTQ
NO.
PW or RKS NO.
An
3, 4
3
3 to 10
I/O
Auto-Bidirectional Data port
Bn
6, 5
4
18 to 11
I/O
EN
8
6
20
I
Enable input; connect to Vref_B and pull-up through a high resistor
(200 kΩ). See Using the Enable Pin with the LSF Family
GND
1
1
1
—
Ground
Vref_A
2
2
2
—
Reference supply voltage.
For proper device biasing, see Application and Implementation and
Understanding the Bias Circuit for the LSF Family.
Vref_B
7
5
19
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com