Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2591 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2591
Description  100MHz INPUT 450kHz FM IF DEMODULATOR IC FOR VOICE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2591 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2591 Datasheet HTML 3Page - New Japan Radio NJM2591 Datasheet HTML 4Page - New Japan Radio NJM2591 Datasheet HTML 5Page - New Japan Radio NJM2591 Datasheet HTML 6Page - New Japan Radio NJM2591 Datasheet HTML 7Page - New Japan Radio NJM2591 Datasheet HTML 8Page - New Japan Radio NJM2591 Datasheet HTML 9Page - New Japan Radio NJM2591 Datasheet HTML 10Page - New Japan Radio NJM2591 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJM2591
Ver.2004-08-25
-7-
EVALUATION BOARD
The evaluation PC board is useful for your design and is intended to have more understanding of the usage and
performance of this device. The circuit of this board is the same as TEST CIRCUIT. For other electrical conditions, it
should be necessary to reconsider each value of external components.
Note that this board is not prepared to show the recommendation of pattern and parts layout.
Circuit Diagram
Note
1. This board is designed for mixer-input type and R9 / R8 are factory-configured as follows :
R8 : open
R9 : chip resistor of 0Ω
For the case of IF-input type, please change the position of the chip resistor of 0Ω as follows ;
R8 : chip resistor of 0Ω
R9 : open
2.
External components
CF=CFWCA450KGFA-R0 (Murata)
CD=CDBCB450KCAY70-R0 (Murata)
16
15
14
13
12
11
10
9
1
2
4
3
5
6
7
8
OSC
RSSI
IF AMP
QUAD
DET
LPF
NOISE
COMP
NOISE
AMP
FILTER
AMP
BUFFER
MIXER
V
+
V
+
NOISE
REC
LOCAL
IN
NOISE
DET
RSSI
R4
2.7k
C11
10u
C9
33p
C6
1000p
C7
0.1u
21.7MHz
C8
1000p
R7
51
31kHz
R2
5.6k
C2
0.1u
450kHz
R9
Short
or
Open
C5
0.1u
C10
10u
C1
1000p
0.3 to 3kHz
AUDIO
OUT
CF
NOISE DET
CD
AF
OUT
MIX
IN
R6
100
R8
Open
or
Short
R5
51
IF IN
C3
220
C4
220
R1
150
R3
10k
NOISE IN
21.25MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com