Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU8713 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU8713
Description  2V Operation Switching Driver for Class D Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8713 Datasheet(HTML) 7 Page - New Japan Radio

  NJU8713 Datasheet HTML 1Page - New Japan Radio NJU8713 Datasheet HTML 2Page - New Japan Radio NJU8713 Datasheet HTML 3Page - New Japan Radio NJU8713 Datasheet HTML 4Page - New Japan Radio NJU8713 Datasheet HTML 5Page - New Japan Radio NJU8713 Datasheet HTML 6Page - New Japan Radio NJU8713 Datasheet HTML 7Page - New Japan Radio NJU8713 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJU3555
NJU8713
-7 -
Ver.2004-06-02
APPLICATION CIRCUIT
• Stereo OTL application example
• 1 channel BTL application example
Note 6) De-coupling capacitors must be connected between each power supply pin and GND pin.
Note 7) The power supply for VDDO requires fast driving response performance such as a switching regulator
for T.H.D.
Note 8) The bigger capacitor value of external AC-coupling capacitors realize better low frequency response
characteristics. In addition, ESR(Equivalent Series Resistance) should be low.
Note 9) The above circuit shows only application example and does not guarantee the any electrical
characteristics. Therefore, please consider and check the circuit carefully to fit your application.
IN1
OUT1
Output Control
EN1
OUT2
Audio Signal
Master Clock
MCK
Beep Signal
IN2
BEEP
EN2
Headphone
32Ω
100uH
220uF
100uH
220uF
3
12
14
4
11
1
6
9
VDDO
2.2uF
VSSO
7
5
VDDO
2.2uF
VSSO
8
10
100uF
Switching
Regulato
r
2.2uF
13
Logic Power
VDD
VSS
2
2.2uF
10uF
A914BY-101M
IN1
OUT1
OUT2
Audio Signal
IN2
Speaker
32Ω
100uH
100uH
6
9
3
12
VDDO
2.2uF
VSSO
7
5
VDDO
2.2uF
VSSO
8
10
100uF
Switching
Regulato
r
2.2uF
Output Control
EN1
Master Clock
MCK
BEEP
EN2
14
4
11
1
13
Logic Power
VDD
VSS
2
2.2uF
10uF
A914BY-101M
•A914BY-101M is manufactured by TOKO, INC.
For further information, please refer to its
technical papers.
•A914BY-101M is manufactured by TOKO, INC.
For further information, please refer to its
technical papers.
A914BY-101M
A914BY-101M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com