Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTP981 Datasheet(PDF) 2 Page - Silicon Supplies

Part # BTP981
Description  PNP Transistor Bare Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BTP981 Datasheet(HTML) 2 Page - Silicon Supplies

  BTP981 Datasheet HTML 1Page - Silicon Supplies BTP981 Datasheet HTML 2Page - Silicon Supplies BTP981 Datasheet HTML 3Page - Silicon Supplies BTP981 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IC = -1mA
-600
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = -1mA
-600
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = -100µA
-7
-
-
V
Collector Cut-off Current
ICBO
VCB = -600V
-
-
-1
µA
Collector Cut-off Current
ICEO
VCB = -600V
-
-
-3
µA
Emitter Cut-off Current
IEBO
VEB = -7V
-
-
-1
µA
ON CHARACTERISTICS
Forward-Current Transfer Ratio
hFE
VCE = -5V, IC = -10mA
54
-
310
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC = -10mA, IB = -1mA
-
-
-0.5
V
Base Saturation Voltage
VBE(sat)
IC = -10mA, IB = -1mA
-
-
-1
V
SMALL SIGNAL CHARACTERISTICS
1
Transition Frequency
fT
VCE = -10V, IE = 10mA
-
25
-
MHz
Output Capacitance
Cobo
VCB = -10V, IE = 0, f = 1MHz
-
20
-
pF
Turn-on time
ton
-
-
0.5
µs
Storage time
tstg
-
-
5
µs
Fall time
tf
VCC = -250V,
IC = -10mA,
-IB1 = -IB2 = -1mA
-
-
0.5
µs
 
Electrical Characteristics T
A = 25°C unless otherwise stated
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-600
V
Collector-Emitter Voltage
VCEO
-600
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current
IC
-280
mA
Collector Current (Pulse)
ICM
-560
mA
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to 150
°C
PNP Transistor Bare Die ‐ BTP981
Rev 1.0
07/07/17
1. Not production testing in die form. Characterized by chip design and tested in package.
Figure 1 – DC Current Gain Vs. Collector Current
Figure 2 – Collector Current Vs. Collector‐to‐Emitter Voltage
Typical Electrical Characteristics
VCE – Collector-to-Emitter Voltage - V
VCE – Collector-to-Emitter Voltage - V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com