Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC05 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC05
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC05 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC05 Datasheet HTML 1Page - Silicon Supplies 54HC05 Datasheet HTML 2Page - Silicon Supplies 54HC05 Datasheet HTML 3Page - Silicon Supplies 54HC05 Datasheet HTML 4Page - Silicon Supplies 54HC05 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
d 
High Speed CMOS Logic – 74HC05
Rev 1.0
22/04/19
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Pad 14 = VCC
Pad 7 = GND
 
Logic Diagram
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
1A
126
492
2
1Y
136
122
3
2A
432
112
4
2Y
793
112
5
3A
948
112
6
3Y
1312
112
7
GND
1312
471
8
4Y
1312
643
9
4A
1312
1062
10
5Y
1107
1062
11
5A
747
1062
12
6Y
492
1062
13
6A
126
941
14
VCC
126
747
CONNECT CHIP BACK TO VCC OR FLOAT
 
1550µm (61.02 mils)
1
2
3
4
5
6
7
8
9
10
11
12
13
DIE ID
14
0,0
Truth Table
INPUTS
A
OUTPUT
Y
H
L
L
Z
H = High level (steady state)
L = Low level (steady state) 
Z = High‐impedance off‐state
 
Page 2 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com