Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ACT05 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54ACT05
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ACT05 Datasheet(HTML) 2 Page - Silicon Supplies

  54ACT05 Datasheet HTML 1Page - Silicon Supplies 54ACT05 Datasheet HTML 2Page - Silicon Supplies 54ACT05 Datasheet HTML 3Page - Silicon Supplies 54ACT05 Datasheet HTML 4Page - Silicon Supplies 54ACT05 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Advanced CMOS TTL Input – 74ACT05
Rev 1.0
10/05/19
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
1A
260
1035
2
1Y
120
865
3
2A
120
700
4
2Y
120
480
5
3A
120
255
6
3Y
260
115
7
GND
425
115
7
GND
580
115
8
4Y
745
115
9
4A
880
255
10
5Y
880
480
11
5A
880
700
12
6Y
880
865
13
6A
745
1035
14
VCC
580
1035
14
VCC
420
1035
CONNECT CHIP BACK TO VCC OR FLOAT
 
Pad Layout and Functions
Pad 14 = VCC
Pad 7 = GND
 
Truth Table
INPUTS
A
OUTPUT
Y
H
L
L
Z
H = High level (steady state)
L = Low level (steady state) 
Z = High‐impedance off‐state
 
Logic Diagram
1100µm (43.31 mils)
0,0
8
9
10
11
12
13
14
14
1
2
4
5
6
7
7
3
Y = Ᾱ  



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com