Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3M0004 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3M0004
Description  MIL-DTL-17 BNC Male to N Female Bulkhead Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0004 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3M0004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
Environmental Specifications
Description
Specification
Temperature Operating Range
-55 to +165 deg C
.
Compliance Certifications (see product page for current document)
Process Specifications
Process
Specification
Soldering
in accordance with J-STD-001, class 3
Crimping
dies in accordance with SAEAS22520
Marking
shall meet the adherence requirements of SAE AS5942
Workmanship
shall be in accordance with IPC/WHMA-A-620, class 3
.
Tests and Inspections
Description
Sampling
Connector Gaging (pin and insulator position)
100%
Insertion Loss
100%
VSWR
100%
Dielectric Withstanding Voltage (DWV)
100%
Visual - workmanship, configuration and marking
100%
Length
C=0, 1.5AQL
Mass
C=0, 1.5AQL
.
Plotted and Other Data
Notes:
•
Values at 25°C, sea level.
PE3M0004 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MIL-DTL-17 BNC Male to N Female Bulkhead Cable Using M17/60-RG142 Coax PE3M0004
RF Cable Assemblies Technical Data Sheet
MIL-DTL-17 BNC Male to N Female Bulkhead
Cable Using M17/60-RG142 Coax
PE3M0004



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com