Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1775813 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1775813
Description  HC-D 50-TFQ-76/M1PG29G
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1775813 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1775813 Datasheet HTML 1Page - PHOENIX CONTACT 1775813 Datasheet HTML 2Page - PHOENIX CONTACT 1775813 Datasheet HTML 3Page - PHOENIX CONTACT 1775813 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HC-D 50-TFQ-76/M1PG29G Order No.: 1775813
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1775813
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
Jan 27, 2011
Technical data
General data
Note
For contact inserts HC-D25, A16/A32
Design
D50
Height
76 mm
Width
56 mm
Length
82 mm
Housing type
Sleeve housings
Locking type
For double locking latch
Cable exit
Straight
Type of the screw connection
1x Pg29
Pg screw connection
With
Wrench size, union nut
37 mm
External cable diameter
18 mm ... 27 mm
Degree of protection
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
Housing material
Aluminum, die-cast
Housing surface material
Powder-coated, gray
Cable gland material
Nickel-plated brass
Cable seal material
NBR
Certificates / Approvals
Certification
GOST



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com