Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01334F Datasheet(PDF) 4 Page - E&E Magnetic Products Limited

Part # 835-01334F
Description  PXFM, Flyback, EPC13, 1.0mH, TH, 5PIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01334F Datasheet(HTML) 4 Page - E&E Magnetic Products Limited

  835-01334F Datasheet HTML 1Page - E&E Magnetic Products Limited 835-01334F Datasheet HTML 2Page - E&E Magnetic Products Limited 835-01334F Datasheet HTML 3Page - E&E Magnetic Products Limited 835-01334F Datasheet HTML 4Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DRAWING NO./MODEL
SCALE
PAGE
OF
835-01334F
DO NOT SCALE
5
02
REV
E & E Magnetic Products Ltd.
MATERIAL USAGE AND WINDING CONSTRUCTION
(1) MATERIAL USAGE
4
3
2
1
(2) WINDING CONSTRUCTION
N1 (3-5) AWG#35X127Ts
UL file No.
Thickness
of one layer
No.
Item
Material name
or Description
Layer
Manufacture
1
Core
Ferrite
-----
TDG/DMEGC
or equivalent
-----
-----
2
Bobbin
PM-9630/PM-9820
-----
SUMITOMO BAKELITE CO LTD
0.40mm/0.43mm
E41429
5
Varnish
BC-359, BC-356
----
JOHN C DOLPH CO
-----
E317427
2
3
Wire
Magnet wire
ELEKTRISOLA INC
or equivalent
E63382
-----
-----
4
Tape
1350F-1,1350F-2, 1318-1,
1205, 44, 44-A, 44D, 44T
3M(Minnesota Mining & Manufacturing Co)
E17385
T375J/T355J
-----
CHANG CHUN PLASTICS CO LTD
0.79mm/0.62mm
E59481
-----
-----
T-4260(a)
----
Suzhou Taihu Electric Advanced Material Co Ltd
-----
E228349
N2 (1-NC) AWG#35X16Ts
N3 (2-1) AWG#35X16Ts
N4 (F1-F2) TIW 0.45X9Ts
Triple Insulated wire
FURUKAWA ELECTRIC CO LTD
or equivalent
E206440
-----
-----
4
6
Tube
CB-TT-L 150V
CB-TT-T 300V
----
GREAT HOLDING INDUSTRIAL CO.,LTD
-----
E156256



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com