Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01355F Datasheet(PDF) 4 Page - E&E Magnetic Products Limited

Part # 835-01355F
Description  PXFM, FLYBACK, EP13, 133UH, SMD, 10PIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01355F Datasheet(HTML) 4 Page - E&E Magnetic Products Limited

  835-01355F Datasheet HTML 1Page - E&E Magnetic Products Limited 835-01355F Datasheet HTML 2Page - E&E Magnetic Products Limited 835-01355F Datasheet HTML 3Page - E&E Magnetic Products Limited 835-01355F Datasheet HTML 4Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PACKAGING INFORMATION
G
B
A
C
T
SYMBOL
DIM
A
B
C
G
T
330
100
13
12.4
18.4
(1) CONFIGURATION:(mm)
(2) TAPE DIMENSIONS:(mm)
SYMBOL
DIM
A
0
13.60
B
0
K
0
W
P
P
0
T
17.80
12.90
32.0+0.30
-0.00
20.00 ±
0.10
4.00 ±
0.10
0.50
START
Section.A-A
A
No component
Trailer
320mm Min
User Direction OF Unreeling
Componets
Leader
No component
400mm min
END
A
0
T
K
0
B
0
P
A
  TYP
  TYP
  TYP
  TYP
(DATE)
EE
5-1355
(DATE)
EE
5-1355
(DATE)
EE
5-1355
P
0
DRAWING NO./MODEL
SCALE
PAGE
OF
DO NOT SCALE
5
01
REV
E & E Magnetic Products Ltd.
835-01355F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com