Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2012MGC Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AP2012MGC
Description  2.0x1.25mm SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AP2012MGC Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AP2012MGC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012MGC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012MGC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012MGC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012MGC Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD0941
REV NO: V.13B
DATE: OCT/30/2015
PAGE: 2 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: F.T.Liu
ERP: 1203000126
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
3. Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Emitting Color (Material)
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AP2012MGC
Mega Green (AlGaInP)
Water Clear
20
60
120
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Emitting Color
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Mega Green
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Mega Green
570
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Mega Green
26
nm
IF=20mA
C
Capacitance
Mega Green
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Mega Green
2.1
2.5
V
IF=20mA
IR
Reverse Current
Mega Green
10
uA
VR=5V
Parameter
Values
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
4. Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com