Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS394 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS394
Description  Matched NPN transistor pair
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS394 Datasheet(HTML) 2 Page - JSC ALFA.

  AS394 Datasheet HTML 1Page - JSC ALFA. AS394 Datasheet HTML 2Page - JSC ALFA. AS394 Datasheet HTML 3Page - JSC ALFA. AS394 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.2
2
AS194
AS394
Absolute Maximum Ratings
• Collector Current
• Collector-Emitter Voltage
AS194, AS394
AS394C
• Collector-Base Voltage
AS194, AS394
AS394C
• Collector-Substrate Voltage
AS194, AS394
AS394C
• Collector-Collector Voltage
AS194, AS394
AS394C
Base-Emitter Current
20m
А
40V
20V
40V
20V
40V
20V
40V
20V
10m
А
.
Electrical performance characteristics
Parameter, units
Conditions
AS194H
AS194DE
AS394H
AS394DE
AS394
СH
AS394CDE
Min
Typ
Max
Min
Typ Max
Min
Typ
Max
Current Gain (hFE)
UCB =0V до UMAX(Note1)
IC=1 mА
IC=100 µА
IC=10 µА
IC=1 µА
350
350
300
700
550
450
300
300
250
200
700
550
450
300
250
230
150
500
400
300
200
Current Gain Match,
 h
FE 1,2 =100[IB] [hFE(MIN)] / IC , %
UCB= 0 V to UMAX
IC=10 µА tо IC=1 mА
0,5
2
0,5
4
1
5
Emitter-Base Offset Voltage
, µV
UCB = 0 V
IC=10 µА tо IC=1 mА
25
100
150
200
Change in Emitter-Base Offset
Voltage vs Collector-Base Voltage
(CMRR)
, µV
(Note1)
IC=10 µА tо IC=1 mА
UCB = 0 V to UMAX
10
25
10
50
10
100
Change in Emitter-Base Offset
Voltage vs Collector Current,
µV
UCB = 0 V
IC=10 µА tо 1 mА
5
25
5
50
5
50
Collector-Base Leakage, nA
UCB = UMAX
0,05
0,3
0,05 0,5
0,05
0,5
Collector- Collector Leakage, n
А
UCC= UMAX
1
2
5
5
Input Voltage Noise, nV
/
Hz
UCB=0 V, IC=100 µА
f = 100 Hz - 100 kHz
1,8
1,8
1,8
Collector to Emitter Saturation
Voltage, V
IC=1 mА, IВ=10 µА
IC=1 mА, IВ=100 µА
0,2
0,1
0,25
0,15
-
-
0,2
0,1
0,25
0,15
0,2
0,1
0,25
0,15
Note 1: Collector-base voltage is swept from 0 to UMAX=35V at a collector current of 10 µA, 100 µA and 1 mA.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com