Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2012SRCPRV Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AP2012SRCPRV
Description  2.0 x 1.25 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AP2012SRCPRV Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AP2012SRCPRV Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SRCPRV Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SRCPRV Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SRCPRV Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAD0935 / 1203000177 Rev No: V.11A Date: 03/06/2018
Page 1 / 4
DESCRIPTIONS
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting
Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
2.0 mm x 1.25 mm SMD LED, 1.1 mm thickness
Low power consumption
Wide viewing angle
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
AP2012SRCPRV
■ Super Bright Red
(GaAlAs)
Water Clear
55
100
*12
*30
140°
AP2012SRCPRV
2.0 x 1.25 mm SMD Chip LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - AP2012SRCPRV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP2012SRCPRV KINGBRIGHT-AP2012SRCPRV Datasheet
118Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - AP2012SRCPRV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHBM2012SURKZGKC KINGBRIGHT-APHBM2012SURKZGKC Datasheet
318Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APTD2012LCGCK KINGBRIGHT-APTD2012LCGCK Datasheet
307Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
SunLED Corporation
XZMOK54W-8 SUNLED-XZMOK54W-8 Datasheet
232Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APHBM2012LVBDSEKJ3C TO-GRACE-APHBM2012LVBDSEKJ3C Datasheet
919Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
KP-2012SECK TO-GRACE-KP-2012SECK Datasheet
854Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APHCM2012ZGCK-F01 TO-GRACE-APHCM2012ZGCK-F01 Datasheet
842Kb / 4P
2.0 x 1.25 mm SMD CHIP LED LAMP
APT2012LSECK-J4-PRV TO-GRACE-APT2012LSECK-J4-PRV Datasheet
789Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SGC TO-GRACE-APT2012SGC Datasheet
794Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SURCK TO-GRACE-APT2012SURCK Datasheet
799Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
KPHBM-2012SURKCGKC TO-GRACE-KPHBM-2012SURKCGKC Datasheet
970Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com