Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3280AD Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3280AD
Description  Dual Operational Transconductance Amplifier (OTA)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3280AD Datasheet(HTML) 2 Page - JSC ALFA.

  AS3280AD Datasheet HTML 1Page - JSC ALFA. AS3280AD Datasheet HTML 2Page - JSC ALFA. AS3280AD Datasheet HTML 3Page - JSC ALFA. AS3280AD Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.1
2
AS3280
AS3280A
Absolute Maximum Ratings
Supply Voltage (Between V+ and V-
)……………..+36V
Differe
ntial Input Voltage……………………………….5V
lnput Voltage Range…………………………….V+ to V-
Input Current at ID
= 0…………………………….100
A
Amplifier Bias Current (IABC
)………………………10mA
Output Short Circuit Duration (Note 1
)………..Indefinite
Linearizing Diode Bias Current, ID
………………….5mA
Peak Input Current with Linearizing Diode
…………..±ID
Operating Conditions
Temperature Range
AS3280, AS3280A ........................................ 0
oC to 70oC
Supply Voltage Range (Typ)……………………±2V to ±15V
Thermal Information
Thermal Resistance (Typical, Note 2)
JA (
oC/W)
JC (
oC/W)
SOIC-16
Package…………………………..100
N/A
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is
a stress only rating and operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied.
NOTE:
1. Short circuit may be applied to ground or to either supply.
2.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air.
Electrical Specifications TA=25
oC, V
SUPPLY=±15V, unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITIONS
AS3280
AS3280A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
IABC = 1mA
-
-
1,8
-
-
0,5
mV
IABC =
100µA
-
0,7
1,8
-
0,25
0,5
mV
IABC =
10µA
-
-
1,8
-
-
0,5
mV
IABC = 1mA to 10
µА,
TA = Full Temp. Range
-
0,8
4
-
0,8
1,5
mV
Input Offset Voltage Drift
|
VIO|
lABC = 1
µА to 1mA
-
0,5
1
-
0,5
1
mV
IABC = 100
µA, TA = Full
Temperature Range
-
5
-
-
3
5
µV/°C
Amplifier Bias Voltage
VABC
lABC =
100µА
-
1,2
-
-
1,2
-
V
Peak Output Voltage
VOM+
lABC =
500µА
12,5
12,6
-
12,5
12,6
-
V
VOM-
-
-13,5
-12,5
-
-13,5
-12,5
V
VOM+
lABC =
5µА
12,5
12,8
-
12,5
12,8
-
V
VOM-
-
-13,5
-12,5
-
-13,5
-12,5
V
Common Mode Input
Voltage Range
VICR
lABC =
100µА
-13
-
13
-13
-
13
V
Noise Voltage
eN
lABC =
500µА
-
20
-
-
20
-
nV/
Hz
-
8
-
-
8
-
nV/
Hz
-
7
-
-
7
-
nV/
Hz
Input Offset Current
IIO
lABC =
500µА
-
0,3
0,5
-
0,3
0,5
µA
Input Bias Current
IIB
lABC =
500µА
-
0,1
5
-
0,1
5
µA
lABC
= 500µА, TA = Full
Temperature Range
-
3
8
-
3
8
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com