Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3340 Datasheet(PDF) 3 Page - JSC ALFA.

Part # AS3340
Description  Voltage Controlled Oscillator (VCO)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3340 Datasheet(HTML) 3 Page - JSC ALFA.

  AS3340 Datasheet HTML 1Page - JSC ALFA. AS3340 Datasheet HTML 2Page - JSC ALFA. AS3340 Datasheet HTML 3Page - JSC ALFA. AS3340 Datasheet HTML 4Page - JSC ALFA. AS3340 Datasheet HTML 5Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.5
3
AS3340
AS3345
Typical Electrical Characteristics
VCC=+15V VEE = Internal Zener TA= 20°
Parameter
Min.
Typ.
Max.
Units
Frequency Control Range
50K:1
500K:1
-
Exponential Scale Error, Untrimmed
1
-
0.2
1
%
Exponential Scale Error, Trimmed
1
-
0.05
0,3
%
Multiplier Gain Errors
2
-
0.0005
0.008
%/
µA
Tempo Cancellation
3
-150
0
+150
ppm
Oscillator Drift
4
-
±50
±200
ppm
Triangle Buffer Input Current
-
0.3
3
nA
Triangle Waveform Upper Level
4.85
5.0
5.15
V
Triangle Waveform Lower Level
-15
0
+15
mV
Triangle Waveform Symmetry
45
50
55
%
Sawtooth Waveform Upper Level
9.4
10.0
10.6
V
Sawtooth Waveform Lower Level
-25
0
+25
mV
Triangle Output Sink Capability
400
550
750
µA
Sawtooth Output Sink Capability
640
800
1000
µA
Triangle& Sawtooth Output Impedance
5
65
100
150
Ω
Pulse Output Source Capability at +10V
2.8
3.5
4.6
mA
Squarewave Output Levels
6, AS3345
-1.8,-0.4
-1.3,0
-0.8,+0.4
V
PWM Input Pin Current
7
.5
1.5
3.5
µA
PWM Input Voltage for 0% Pulse Width
-15
0
+15
mV
PWM Input Voltage for 100% Pulse Width
4.6
5.0
5.4
V
Input Bias Current at Reference and
Control Current Inputs
80
200
400
nA
Tempco of Input Bias Currents
-1000
0
+1000
ppm
Offset Voltage at Reference and Control
Current Inputs
-5
0
+5
mV
Hard Sync Reference Voltage
-1.2
-1.4
-1.5
V
Hard Sync Input Resistance
5
6.3
7.9
K
Ω
Max Capacitor Charge/Discharge Current
400
570
800
µA
Positive Supply Current
4
5
6.5
mA
Positive Supply Voltage Range
+10
-
+18
V
Negative Supply Voltage Range
8
-4.5
-
-18
V
Note 1: This error represents the percentage difference in scale factors (volts per frequency ratio) of the
exponential generator anywhere over the exponential generator current range of 50nA to 100 µA. Most of
this error occurs at the range extremities.
Note 2: This error represents the percentage difference in multiplier gains at any two input currents,
within the range of 20
µA to 180 µA, per µA difference between the two corresponding outputs.
Note 3: This spec represents the difference between the actual tempco of the multiplier output voltage
(expressed relative to the maximum output excursions) and the tempco required to precisely
cancel the tempco of the exponential scale factor (q/KT).
Note 4: The multiplier output is grounded.
Note 5: For exponential generator currents less than 10 µA; above 10 µA, impedance drops to 1
/3 this
value as the highest current is approached.
Note 6: With respect to the hard sync input reference voltage.
Note 7: For PWM control inputs between -1 and +6 volts. This current is significantly greater for inputs
outside of this range.
Note 8: Current limiting resistor required for negative supplies greater than -6 volts.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com