Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3360 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3360
Description  Dual Voltage Controlled Amplifier (VCA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3360 Datasheet(HTML) 2 Page - JSC ALFA.

  AS3360 Datasheet HTML 1Page - JSC ALFA. AS3360 Datasheet HTML 2Page - JSC ALFA. AS3360 Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2
2018 v.4
AS3360
Typical Electrical Characteristics
VCC=+12V VEE = -12V
TA= 20°C
Parameter
Min.
Typ.
Max.
Units
Control Range, Linear and Exponential
100
-
-
dB
Control Scale Factor
Exponential
1
+ 2,7
+ 3
+ 3,3
mV/dB
Linear
48
52
56
%/V
Tempco of Control Scales
Exponential
+ 3000
+ 3300
+ 3600
ppm
Linear
-
±250
±750
ppm
Control Scale Error
Exponential
2
-
0,6
2
dB
Linear
-
3
6
%
Maximum Cell Current Gain
3
0,9
1
1,1
Maximum Signal Input and Output Current
±300
±400
±500
µA
Signal Input Offset
-10
0
+ 10
mV
Control Feedthrough Without Trim
4
-
±0.07
±0.3
µA
Total Harmonic Distortion
3
-
1
3
%
Output Noise Current
5
-
0,4
1,2
nA R.M.S.
Signal Current Bandwidth
2
5
-
MHz
Signal Current Slew Rate
3
0.5
1.5
-
mA/
µS
Crosstalk Between VCAs
6
-80
-90
-
dB
Signal Attenuation for Linear Control Input = 0V
7
70
80
-
dB
Linear Control Voltage for Maximum Gain
1,6
1,7
1,8
V
Exponential Control Voltage Range,
Referred to VREF (Pin 8)
+ 20
-
-280
mV
Control Input Bias Current
Exponential
3
-0,3
-0,8
-1,5
µA
Linear
-0,5
-1,6
-4
µA
Output Impedance
3
5
12
-
MOhm
Output Voltage Compliance
3
VEE+1.2
-
Vcc-0.8
V
Reference Voltage (Pin 8)
1,6
1,7
1,8
V
Positive Supply Voltage Range
8
+3
-
+16
V
Negative Supply Voltage Range
8
-3
-
-16
V
Supply Current
3,8
4,8
6
mA
Note 1. Current gain is - 20dB to - 80dB. Control voltage is referenced to pin 8.
Note 2. Best straight line. Most of this error occurs at range extremities.
Note
3. Output Signal Current is ±100µA.
Note 4. Over entire control range. Signal input is open.
Note 5. In 16 to 16KHz bandwidth.
Note 6. At 1KHz.
Note 7. For negative supply less than 12 volts, this attenuation is greater.
Note 8. Total supply voltage across chip should not exceed 26V.
Specifications subject to change without notice.
Absolute Maximum Ratings
Voltage Between VCC and VEE Pins
Voltage Between VCC and GND Pins
Voltage Between VEE and GND Pins
Linear Control Voltage
Exponential Control Voltage
Storage Temperature Range
Operating Temperature Range
26V
+3V to +16V
-3V to -16V
-2V to +2,5V
-2V to +2,5V
- 55
°C to 150°C
- 25
°C to +75°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com