Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3363 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3363
Description  Three Channel VCA (voltage polarizer)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3363 Datasheet(HTML) 2 Page - JSC ALFA.

  AS3363 Datasheet HTML 1Page - JSC ALFA. AS3363 Datasheet HTML 2Page - JSC ALFA. AS3363 Datasheet HTML 3Page - JSC ALFA. AS3363 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.1
2
AS3363
Absolute Maximum Ratings
Voltage between Vcc and Vee pins
26V
Voltage between Vcc and GND pins
+3V to + 16V
Voltage between Vee and GND pins
-3V to -16V
Control voltage range CVMix
-3V to +3V
Control voltage range Vcntrli
-3V to +3V
Vinx
-1V to +1V
Electrical Characteristics
Vcc = + 12V
Vee = -12V
Tamb
= +20 ° C
Parameter
Min.
Typ.
Max.
Units
Maximum input voltage ( THD<5% )
±40
mV
Maximum output current ( Vin=±40 mV)
±110
µA
Maximum amplification
2,5
µA/mV
Input bias current
1,0
µA
VCA1, 2
Control voltage range CVMix, linear range 1)
-1,75
-
+1,75
V
Control voltage CVMix for maximum amplification of non-
inverted signal
2,0
V
Control voltage CVMix for maximum amplification of inverted
signal
-2,0
V
Control
voltage CVMix for balance (“silence”)
-20
0
20
m
В
Maximum attenuation on output in balance (“silence”) 2)
60*
dB
Control voltage Vcntrl linear range 1)
-1,65
-
+1,65
V
Control voltage Vcntrl for maximum VCA output current
2,0
V
Vcnt
rl maximum attenuation level (turn “OFF” VCA current)
-2,0
V
Attenuation ( Vcntrl=-2V)
100
dB
Feedthrough Vcntrl
60
dB
VCA3
Control voltage CVMix3 for maximum amplification In3
А
2,0
V
Control voltage CVMix3 for maximum amplification In3B
-2,0
V
Control voltage CVMix for balance amplification In3
А and
In3
В
-20
0
20
mV
Maximum output offset (Vin=0)
-1
0
+1
µA
Total harmonic distortion
-
4,0
6,0
%
Bandwith
8,0
10,0
-
MHz
Output current slew rate
2)
700
1000
-
µA/µsec
Crosstalk between VCA ( 10 kHz)
-80
-90
-
dB
Feedthrough CVMix
-
±0,1
±0.3
µA
Maximum input current
(for CVMix)
-
-3,0
-
µA
Maximim input current ( Vcntrlx)
-
1,0
-
µA
Output impedance
2)
10
-
MOhm
Maximum voltage range for Outx
-100
-
+100
mV
Positive supply range Vcc
+5
12
+16
V
Negative supply range Vee
-5
-12
-16
V
Current consumtion Icc
2,7
3,3
4,5
mA
Current consumption Iee
2,2
2,8
3,5
mA
Note 1. Out of these range control is exponential
Note 2. Output current is
±100 µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com