Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3364 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3364
Description  Quad Voltage Linearly Controlled Amplifier (VCA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3364 Datasheet(HTML) 2 Page - JSC ALFA.

  AS3364 Datasheet HTML 1Page - JSC ALFA. AS3364 Datasheet HTML 2Page - JSC ALFA. AS3364 Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2
2019 v.1
AS3364
Absolute Maximum Ratings
Voltage Between VCC and VEE Pins
26V
Voltage Between VCC and GND Pins
+3V to +16V
Voltage Between VEE and GND Pins
-3V to -16V
Linear Control Voltage
-2V to +2,5V
Typical Electrical Characteristics
Vcc = + 12.0V
Vee = -12.0V
Ta
= 20 ° C
Note 1. Best linearization. Most of the error at the ends of diapason.
Note 2. Output current ± 100µA.
Note 3. Over entire control range. Signal input is open
Note 4. In 16 to 16KHz bandwidth.
Note 5. At 1KHz.
Note 6. For negative supply less than 12 volts, this attenuation is greater.
Note 7. Total supply voltage across chip should not exceed 26V.
Specifications subject to change without notice
Application example
Parameter
Min
Typ
Max
Units
Control Range, linear
100
-
-
dB
Control Scale Factor , linear
48
52
56
%/V
Tempco of Control Scales
-
±250
±750
ppm
Control Scale Error
1)
-
3,0
6,0
%
Maximum Cell Current Gain
2)
0,9
1,0
1,1
Maximum Signal Input and Output Current
±300
±400
±500
µA
Signal Input Offset
-10
0
+10
mV
Control Feedthrough, trimmed
3)
-
±0,07
±0.3
µA
Total Harmonic Distortion
3)
-
1,0
3,0
%
Output Noise Current
4)
-
0,4
1,2
nA
Signal Current Bandwidth
2,0
5,0
-
MHz
Signal Current Slew Rate
2)
0,5
1,5
-
mA/
µsec
Crosstalk Between VCAs
5)
-80
-90
-
dB
Signal Attenuation for Linear Control Input = 0V
6)
70
80
-
dB
Linear Control Voltage for Maximum Gain
1,79
1,93
2,08
V
Control Input Bias Current
-0,5
-1,6
-4,0
µA
Output Impedance
2)
5
12
-
MOhm
Output Voltage Compliance
2)
Vee+1,2
-
Vcc-0,8
V
Reference Voltage (Pin 1)
1,7
1,8
1,9
V
Positive Supply Voltage Range
7)
+3
-
+16
V
Negative Supply Voltage Range
7)
-3
-
-16
V
Supply Current
6
7,5
10,0
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com