Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3364D Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS3364D
Description  Quad Voltage Linearly Controlled Amplifier (VCA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3364D Datasheet(HTML) 1 Page - JSC ALFA.

  AS3364D Datasheet HTML 1Page - JSC ALFA. AS3364D Datasheet HTML 2Page - JSC ALFA. AS3364D Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
1
2019 v.1
AS3364
AS3364
– Quad Voltage Linearly Controlled Amplifier (VCA)
FEATURES
AS3364
AS3364D
“Linear replacement” – “pin compatible” to
AS2164
 Exceptionally low control feedthrough without
trimming: 10mV maximum out of 10 V.P.P. output
 Low noise: -110 dB typical
 Summing node signal Inputs
 Current outputs capable of swinging to within 1,5V
of each supply
 Control voltages referenced to ground
 Wide supply range: ±3 to ±12V or +15, - 3 to - 9V
РDIP-16 (300 mil)
SOIC-16 (150 Mil)
APPLICATIONS
for electronic music
General Description
The AS3364 is a quad general purpose voltage linearly controlled VCA intended for such applications as
voltage controlled amplifiers, filters, and waveform generators. Each VCA independently provides linear
control scaling over greater than a 100 dB range. Complete with virtual ground summing inputs, wide voltage
compliance current outputs, and control inputs referenced to ground, the AS3364 requires exceptionally few
external components and is extremely easy to use.
Because of its inherent ultra-low control feedthrough, no trimming is required. Added to these features are
exceptionally low noise, wide bandwidth, and operation down to ± 3 volts, making the AS3364 a real cost
saver in most applications requiring variable transconductance amplifiers.
AS3364 pinout allows simple replacement of AS2164 (adding just one capacitor to Vref) witch simplify circuit
design with linear control.
Pin Information
Functional diagram
РDIP-16,
SOIC-16
Pin Name
Description
1
V
ref
Reference Voltage Output
2
I
in1
Current Input 1
3
Vc1
Linear Control Input 1
4
Io1
Current Output 1
5
Io2
Current Output 2
6
Vc2
Linear Control Input 2
7
I
in2
Current Input 2
8
GND
Ground
9
V
ee
Negative Supply
10
I
in3
Current Input 3
11
Vc3
Linear Control Input 3
12
Io3
Current Output 3
13
Io4
Current Output 4
14
Vc4
Linear Control Input 4
15
I
in4
Current Input 4
16
Vcc
Positive Supply


Similar Part No. - AS3364D

ManufacturerPart #DatasheetDescription
logo
JSC ALFA.
AS3360 ALFA-AS3360 Datasheet
396Kb / 3P
Dual Voltage Controlled Amplifier (VCA)
AS3360D ALFA-AS3360D Datasheet
396Kb / 3P
Dual Voltage Controlled Amplifier (VCA)
AS3363 ALFA-AS3363 Datasheet
479Kb / 4P
Three Channel VCA (voltage polarizer)
AS3363D ALFA-AS3363D Datasheet
479Kb / 4P
Three Channel VCA (voltage polarizer)
More results

Similar Description - AS3364D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2164 AD-SSM2164 Datasheet
330Kb / 12P
Low Cost Quad Voltage Controlled Amplifier
REV.0
logo
List of Unclassifed Man...
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
VOLTAGE CONTROLLED AMPLIFIER
SSM2024 ETC-SSM2024 Datasheet
310Kb / 4P
QUAD CURRENT CONTROLLED AMPLIFIER
logo
DAICO Industries, Inc.
CATV2226 DAICO-CATV2226 Datasheet
149Kb / 1P
VCA
logo
Analog Devices
SSM2164 AD-SSM2164_15 Datasheet
333Kb / 12P
Low Cost Quad Voltage Controlled Amplifier
REV. 0
logo
Taoglas antenna solutio...
SWLP.2450.10.4.A.02 TAOGLAS-SWLP.2450.10.4.A.02 Datasheet
1Mb / 17P
Linearly Polarized
logo
JSC ALFA.
AS2164 ALFA-AS2164 Datasheet
502Kb / 5P
Quad voltage exponentially controlled amplifier (VCA)
AS3330 ALFA-AS3330 Datasheet
391Kb / 3P
Dual Voltage Controlled Amplifier (VCA)
AS3360 ALFA-AS3360 Datasheet
396Kb / 3P
Dual Voltage Controlled Amplifier (VCA)
logo
ON Semiconductor
NCP10970 ONSEMI-NCP10970 Datasheet
554Kb / 24P
High-Voltage Switcher with Linearly Regulated Output
March, 2020 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com