Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2310ANZPVC-1 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY2310ANZPVC-1
Description  3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2310ANZPVC-1 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY2310ANZPVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 9Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 10Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 11Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 12Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 13Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 14Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CY7C138
CY7C139
13
Table 1. Non-Contending Read/Write
Inputs
Outputs
Operation
CE
R/W
OE
SEM
I/O0-7/8
H
X
X
H
High Z
Power-Down
H
H
L
L
Data Out
Read Data in
Semaphore
X
X
H
X
High Z
I/O Lines Disabled
H
X
L
Data In
Write to Semaphore
L
H
L
H
Data Out
Read
L
L
X
H
Data In
Write
L
X
X
L
Illegal Condition
Table 2. Interrupt Operation Example (assumes BUSYL=BUSYR=HIGH)
Left Port
Right Port
Function
R/W
CE
OE
A0-11
INT
R/W
CE
OE
A0-11
INT
Set Left INT
X
X
X
X
L
L
L
X
FFE
X
Reset Left INT
X
L
L
FFE
H
X
X
X
X
X
Set Right INT
L
L
X
FFF
X
X
X
X
X
L
Reset Right INT
X
X
X
X
X
X
L
L
FFF
H
Table 3. Semaphore Operation Example
Function
I/O0-7/8 Left
I/O0-7/8 Right
Status
No action
1
1
Semaphore free
Left port writes semaphore
0
1
Left port obtains semaphore
Right port writes 0 to semaphore
0
1
Right side is denied access
Left port writes 1 to semaphore
1
0
Right port is granted access to semaphore
Left port writes 0 to semaphore
1
0
No change. Left port is denied access
Right port writes 1 to semaphore
0
1
Left port obtains semaphore
Left port writes 1 to semaphore
1
1
No port accessing semaphore address
Right port writes 0 to semaphore
1
0
Right port obtains semaphore
Right port writes 1 to semaphore
1
1
No port accessing semaphore
Left port writes 0 to semaphore
0
1
Left port obtains semaphore
Left port writes 1 to semaphore
1
1
No port accessing semaphore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com