Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575HV Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # LM2575HV
Description  Simple high-efficiency step-down (buck) regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

LM2575HV Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  LM2575HV Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
BLOCK DIAGRAM
3.3V, R2 =1.7K
5V, R2 = 3.1K
12V, R2 = 8.84K
15V, R2 =11.3K
For ADJ Version
R1 = Open, R2 =0
ORDERING INFORMATION
Temperature
Range
Output Voltage
3.3
5.0
12
15
ADJ
-40C  TA 125C
LM2575HV-3.3
LM2576HV-3.3
LM2575HV-5.0
LM2576HV-5.0
LM2575HV-12
LM2576HV-12
LM2575HV-15
LM2576HV-15
LM2575HV-ADJ
LM2576HV-ADJ
+
CIN
COUT
FEED-
BACK
+
1
4
+
-
-
+
DRIVER
1.23V
BAND-GAP
REFERENCE
52kHZ
OSCILLATOR
RESET
THERMAL
SHUTDOWN
CURRENT
LIMIT
3
2
L1
L
O
A
D
INTERNAL
REGULATOR
ON/OFF
5
R2
R1
1.0k
FIXED GAIN
ERROR AMP
COMPARATOR
3 AMP
SWITCH
OUTPUT
GND
VOUT
D1
ON/OFF
VIN
UNREGULATED
DC INPUT
SWITCH
HM2676HV-3.3
HM2676HV-5.0
HM2676HV-12
HM2676HV-15
HM2676HV-ADJ
LM2575HV/LM2576HV/HM2676HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com