Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCT080 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # RCT080
Description  Roche Coil
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

RCT080 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  RCT080 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Roche Coil
Model:RCT080
Characteristics:
Current can measure fast response speed in real time,Almost
unsatisfactory, no phase difference,Applicable to power
analysis,power detection,current measurement accuracy,
Industral meter,relay protection,welding,electroplating
Technical index:
Temperature Coefficient:0.05%/℃
Flame retardant properties:UL94-V0
Operating temperature:-25℃~+70℃
Band width:1Hz-1MHz
Accuracy:±0.3% Reading accuracy(5% to 150% FS,25℃)
Electrical parameters:
Dimension drawing(in mm):
Wiring schemtic:
Rated current
Full range output
Overload capacity
Phase difference
Warm ticket coefficient
Weight
200-4000
0.333
300%
90±0.1℃
0.05%℃
A
Vrms
FS
g
www.yhdc.com
Email:yhdc@yhdc.com
S1
Ip
S2
T1
1 circle
T2
Main view
Side view
Bottom view
54
50
6.5
4-M3.5
30
58
93
145
74
146
4-M3.5(Crimping terminal)
30
φ80


Similar Part No. - RCT080

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
Encoder For Remote Controller With Five Functions CMOS IC
RCT02G-D14-T UTC-RCT02G-D14-T Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
RCT02G-S14-R UTC-RCT02G-S14-R Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
RCT02G-S14-T UTC-RCT02G-S14-T Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
RCT02L-D14-T UTC-RCT02L-D14-T Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
More results

Similar Description - RCT080

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1XF0050-VO XFMRS-1XF0050-VO Datasheet
54Kb / 1P
COIL
XF0010-VO XFMRS-XF0010-VO Datasheet
47Kb / 1P
COIL
1XF0050-VO XFMRS-1XF0050-VO Datasheet
54Kb / 1P
COIL
XF0010-VO XFMRS-XF0010-VO Datasheet
47Kb / 1P
COIL
1XF0050-VO XFMRS-1XF0050-VO_15 Datasheet
54Kb / 1P
COIL
XF0010-VO XFMRS-XF0010-VO_15 Datasheet
47Kb / 1P
COIL
XF0100-HO1 XFMRS-XF0100-HO1 Datasheet
66Kb / 1P
COIL
logo
Beijing Yaohuadechang E...
RCT035 YHDC-RCT035 Datasheet
3Mb / 1P
Roche Coil
RST-090-400A YHDC-RST-090-400A Datasheet
707Kb / 1P
Soft Roche Coil
logo
Shanghai Leiditech Elec...
XCDR0810T300S001 LEIDITECH-XCDR0810T300S001 Datasheet
481Kb / 6P
COIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com