Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT013-RJ45 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # SCT013-RJ45
Description  Split core current transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

SCT013-RJ45 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  SCT013-RJ45 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Split core current transformer
Model:SCT013-RJ45
Characteristics:
Opening size 13mmx13mm, compatible to foreign products, RJ45 output
, current &voltage two types of output. (Patent No. ZL 2015 3 0060067.X)
Technical index:
Suspended mounting,leading wire output
Standard:GB1208-2006
Operating temperature:-25℃~+70℃
Storage temperature:-30℃~+90℃
Work voltage:720V
Frequency range:50Hz-1KHz
Dielectric strength:3.5KV 50Hz 1min
Electric parameters:
Dimensions (in mm):
Schematic diagram
22
11.5
23.5
32
13
Ip
Front view
Side view
en.yhdc.com
Schematic diagram:
K
IP
L
TVS
Built-in two-way protection diode
Current output type
IP
K
L
R
Built-in sampling resistance
Voltage output type
Rated input
(rms)
Rated
output
max:Sampling
resistance
Accuracy
Max.Input
100A
5A
10A
15A
20A
25A
30A
50A
60A
100A
120A
30A
35A
40A
50A
55A
60A
70A
75A
120A
50mA
1V
1V
1V
1V
1V
1V
1V
1V
1V
±1%
±1%
±1%
±1%
±1%
±1%
±1%
±1%
±1%
±1%
10Ω
Built-in
Built-in
Built-in
Built-in
Built-in
Built-in
Built-in
Built-in
10Ω


Similar Part No. - SCT013-RJ45

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT013-005 YHDC-SCT013-005 Datasheet
5Mb / 1P
Split core current transformer
SCT013-010 YHDC-SCT013-010 Datasheet
5Mb / 1P
Split core current transformer
SCT013-015 YHDC-SCT013-015 Datasheet
5Mb / 1P
Split core current transformer
SCT013-020 YHDC-SCT013-020 Datasheet
5Mb / 1P
Split core current transformer
SCT013-025 YHDC-SCT013-025 Datasheet
5Mb / 1P
Split core current transformer
More results

Similar Description - SCT013-RJ45

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT-013 YHDC-SCT-013 Datasheet
2Mb / 1P
Split core current transformer
logo
MPS Industries, Inc.
P4019 MPSIND-P4019 Datasheet
374Kb / 1P
SPLIT CORE CURRENT TRANSFORMER
logo
Beijing Yaohuadechang E...
SCT016S YHDC-SCT016S Datasheet
678Kb / 1P
Split core current transformer
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
SCT013-005 YHDC-SCT013-005 Datasheet
5Mb / 1P
Split core current transformer
SCT013-030 YHDC-SCT013-030 Datasheet
5Mb / 1P
Split core current transformer
SCT013-050 YHDC-SCT013-050 Datasheet
5Mb / 1P
Split core current transformer
SCT013-100 YHDC-SCT013-100 Datasheet
5Mb / 1P
Split core current transformer
SCT032BT YHDC-SCT032BT Datasheet
7Mb / 1P
Split core current transformer
SCT8050QT YHDC-SCT8050QT Datasheet
7Mb / 1P
Split core current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com