Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT080B Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # SCT080B
Description  0.333V Split core current transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

SCT080B Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  SCT080B Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.yhdc.com
Email:yhdc@yhdc.com
model:SCT080B
Characteristics:
Split core,0.333V output,Built-in with sampling resistance,
Purpose: Applicable for the current measuring monitoring and
protection of AC motor, lighting equipment and air compressor.
Technical index:
Plate mounting , output with cable
Material of core:silicon steel sheet.
work voltage:≤660V
Operation temperature:-25℃~+60℃
Storage temperature:-30℃~+90℃
Work frequency:50Hz~60KHz
Dielectric strength:3.5KV 50Hz 1min
Technical Parameters table:
Outline size: (in:mm):
SCT080B/xxA/0.333V/1%
500
20%~120%
0.333
1
1
50~60
891
A
A
V
%
%
Hz
g
800 1000
2000
1500
K
L
Ip
97
110
φ5
144
φ81
128
163
28
0.333V Split core current transformer
RatedInput(Effectivevalue)
measurement range
Rated output
Auccuracy
Linearity
frequency
weight
Noted:The rated current ≤400A are the standard product
Order Format: model
Input
output Auccuracy
fixed hole
Front view
Side view
Bottom view
Installation Diagram
1.open the clamp
2.make it upper
3.put the primary
coil in the hole
4.close the clamp
Primary coil through hole method
white
black
Wiring schemtic:
Voltageoutputtype:Built-inwithsamplingresistance
Voltageoutputtype:notallowedsecondaryshortcircuit.
0.5mm2 Blackandwhitewire,cablelength1.5m.


Similar Part No. - SCT080B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT08N60FD KODENSHI-SCT08N60FD Datasheet
307Kb / 6P
Triac
SCT08N60P KODENSHI-SCT08N60P Datasheet
378Kb / 6P
Triac
More results

Similar Description - SCT080B

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT010T YHDC-SCT010T Datasheet
6Mb / 1P
0.333V Split core current transformer
SCT013 YHDC-SCT013 Datasheet
5Mb / 1P
0.333V Split core current transformer
SCT016TS YHDC-SCT016TS Datasheet
2Mb / 1P
0.333V Split core current transformer
SCT024TS YHDC-SCT024TS Datasheet
1Mb / 1P
0.333V Split core current transformer
SCT027H YHDC-SCT027H Datasheet
5Mb / 1P
0.333V Split core current transformer
SCT032R YHDC-SCT032R Datasheet
5Mb / 1P
0.333V Split core current transformer
SCT036TS YHDC-SCT036TS Datasheet
1Mb / 1P
0.333V Split core current transformer
SCT045B YHDC-SCT045B Datasheet
1Mb / 1P
0.333V Split core current transformer
SCT065B YHDC-SCT065B Datasheet
7Mb / 1P
0.333V Split core current transformer
SCT4333QL YHDC-SCT4333QL Datasheet
3Mb / 1P
0.333V Split core current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com