Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08053C103MAT7A Datasheet(PDF) 6 Page - AVX Corporation

Part # 08053C103MAT7A
Description  General Specifications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053C103MAT7A Datasheet(HTML) 6 Page - AVX Corporation

Back Button 08053C103MAT7A Datasheet HTML 2Page - AVX Corporation 08053C103MAT7A Datasheet HTML 3Page - AVX Corporation 08053C103MAT7A Datasheet HTML 4Page - AVX Corporation 08053C103MAT7A Datasheet HTML 5Page - AVX Corporation 08053C103MAT7A Datasheet HTML 6Page - AVX Corporation 08053C103MAT7A Datasheet HTML 7Page - AVX Corporation 08053C103MAT7A Datasheet HTML 8Page - AVX Corporation 08053C103MAT7A Datasheet HTML 9Page - AVX Corporation 08053C103MAT7A Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
40
PERFORMANCE CHARACTERISTICS
High Voltage Chips
For 500V to 5000V Applications
C0G Dielectric
VOLTAGE
1206
1210
1808
1812
1825
2220
2225
3640
500
min.
—
—
—
—
—
—
—
—
max.
680 pF
1500 pF
3300 pF
5600 pF
0.012 µF
—
0.018 µF
—
600
min.
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000 pF
max.
680 pF
1500 pF
2700 pF
5600 pF
0.012 µF
0.012 µF
0.015 µF
0.047 µF
min.
10 pF
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000
max.
470 pF
820 pF
1500 pF
2700 pF
6800 pF
0.010 µF
0.010 µF
0.018 µF
min.
10 pF
100 pF
10 pF
10 pF
100 pF
1000 pF
1000 pF
100 pF
1500
max.
150 pF
330 pF
470 pF
1000 pF
2700 pF
2700 pF
3300 pF
8200 pF
min.
10 pF
10 pF
10 pF
10 pF
100 pF
1000 pF
1000 pF
100 pF
2000
max.
68 pF
150 pF
270 pF
680 pF
1800 pF
2200 pF
2200 pF
5600 pF
min.
—
—
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
2500
max.
—
—
150 pF
390 pF
1000 pF
1000 pF
1200 pF
3900 pF
min.
—
—
10 pF
10 pF
10 pF
10 pF
10 pF
100 pF
3000
max.
—
—
100 pF
330 pF
680 pF
680 pF
820 pF
2200 pF
min.
—
—
10 pF
10 pF
10 pF
10 pF
10 pF
100 pF
4000
max.
—
—
39 pF
100 pF
220 pF
220 pF
330 pF
1000 pF
min.
—
—
—
—
—
—
—
10 pF
5000
max.
—
—
—
—
—
—
—
680 pF
VOLTAGE
1206
1210
1808
1812
1825
2220
2225
3640
500
min.
—
—
—
—
—
—
—
—
max.
0.015 µF
0.027 µF
—
0.056 µF
—
—
—
—
600
min.
1000 pF
1000 pF
.01 µF
.01 µF
.01 µF
.01 µF
.01 µF
.01 µF
max.
0.015 µF
0.027 µF
0.033 µF
0.068 µF
0.15 µF
0.15 µF
0.22 µF
0.56 µF
min.
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
.01 µF
.01 µF
.01 µF
1000
max.
4700 pF
0.010 µF
0.015 µF
0.027 µF
0.068 µF
0.068 µF
0.082 µF
0.22 µF
min.
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
.01 µF
1500
max.
1200 pF
2700 pF
3900 pF
8200 pF
0.018 µF
0.022 µF
0.027 µF
0.068 µF
min.
10 pF
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
2000
max.
470 pF
1000 pF
1800 pF
4700 pF
8200 pF
0.010 µF
0.012 µF
0.027 µF
min.
—
—
10 pF
10 pF
100 pF
1000 pF
1000 pF
1000 pF
2500
max.
—
—
1200 pF
2200 pF
5600 pF
6800 pF
8200 pF
0.022 µF
min.
—
—
10 pF
10 pF
100 pF
1000 pF
1000 pF
1000 pF
3000
max.
—
—
560 pF
1200 pF
2700 pF
3300pF
4700 pF
0.018 µF
min.
—
—
—
—
—
—
—
100 pF
4000
max.
—
—
—
—
—
—
—
6800 pF
min.
—
—
—
—
—
—
—
100 pF
5000
max.
—
—
—
——
—
—
3300 pF
HIGH VOLTAGE C0G CAPACITANCE VALUES
HIGH VOLTAGE X7R MAXIMUM CAPACITANCE VALUES
X7R Dielectric
PERFORMANCE CHARACTERISTICS
Capacitance Range
10 pF to 0.047 µF
(25°C, 1.0 ±0.2 Vrms at 1kHz, for
≤ 1000 pF use 1 MHz)
Capacitance Tolerances
±5%, ±10%, ±20%
Dissipation Factor
0.1% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz, for
≤ 1000 pF use 1 MHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ±30 ppm/°C (0 VDC)
Voltage Ratings
500, 600, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K M
Ω min. or 1000 MΩ - µF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K M
Ω min. or 100 MΩ - µF min., whichever is less
Dielectric Strength
500V, 150% rated voltage for 5 seconds at 50 mA max. current
≥ 600V, 120% rated voltage for 5 seconds at 50 mA max. current
Capacitance Range
10 pF to 0.56 µF (25°C, 1.0 ±0.2 Vrms at 1kHz)
Capacitance Tolerances
±10%; ±20%; +80%, -20%
Dissipation Factor
2.5% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
±15% (0 VDC)
Voltage Ratings
500,600, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K M
Ω min. or 1000 MΩ - µF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K M
Ω min. or 100 MΩ - µF min., whichever is less
Dielectric Strength
500V, 150% rated voltage for 5 seconds at 50 mA max. current
≥ 600V, 120% rated voltage for 5 seconds at 50 mA max. current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com