Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4302 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4302
Description  THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4302 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4302 Datasheet HTML 3Page - New Japan Radio NJW4302 Datasheet HTML 4Page - New Japan Radio NJW4302 Datasheet HTML 5Page - New Japan Radio NJW4302 Datasheet HTML 6Page - New Japan Radio NJW4302 Datasheet HTML 7Page - New Japan Radio NJW4302 Datasheet HTML 8Page - New Japan Radio NJW4302 Datasheet HTML 9Page - New Japan Radio NJW4302 Datasheet HTML 10Page - New Japan Radio NJW4302 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary
NJW4302
-7 -
sELECTRICAL CHARACTERISTICS / Ta=25
°°°°C,V+=5.0V
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply current 1
ICC1
-
38
55
mA
Supply current 2
ICC2
in stop mode
-
8
18
mA
Output saturation voltage
VO (sat) UL,VL and WL terminal Io=20mA
-
0.2
0.7
V
Output current
IO
UH,VH and WH
terminal Vout=1.4V
-20
-16
-12
mA
Output leakage current
IO(leak)
UL,VL,WL output
-
-
100
µA
Output off voltage
VO(off)
UH,VH,WH output
-
-
0.5
V
•HALL AMPLIFIER
PARAMETER
SYMBOL TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input bias current
IHB(HA)
-4
-1
-
µA
Common mode input voltage range
VICM
1.5
-
VCC-1.5
V
Hall input sensitivity
∆VIN(HA)
-
60
-
mVP-P
Hysteresis
∆VIN(HA)
17
32
60
mV
Input voltage Low → High
VSLH
8
16
30
mV
Input voltage High →Low
VSHL
-30
-16
-8
mV
••••CR OSCILLATOR
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output high level voltage
VOH(CR)
2.4
2.7
3.0
V
Output low level voltage
VOL(CR)
1.3
1.6
1.9
V
RC oscillation frequency
f(CR)
R=75kΩ,C=1500pF
-
19
-
kHz
RC oscillation voltage
V(CR)
0.9
1.1
1.3
VP-P
••••CLOCK OSCILLATOR
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output high level voltage
VOH(RK)
2.7
3.0
3.3
V
Output low level voltage
VOL(RK)
0.1
0.4
0.7
V
External capacitor charge current
ICHG1
-
-10
-
µA
External capacitor discharge current
ICHG2
-
10
-
µA
Clock oscillation frequency
f(RK)
C=0.068µF
-
35
-
Hz
RC oscillation voltage
V(RK)
2.4
2.6
2.8
VP-P
•VCO OSCILLATOR (PLL COUNTER)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
C-terminal high-level output voltage
VOH(C)
1.15
1.25
1.35
V
C-terminal low-level output voltage
VOL(C)
0.9
1.0
1.1
V
VCO oscillation frequency
f(C)
-
-
1.0
MHz
Amplitude
V(C)
0.15
0.25
0.6
VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com