Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP3N100P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP3N100P
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP3N100P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP3N100P Datasheet HTML 1Page - IXYS Corporation IXTP3N100P Datasheet HTML 2Page - IXYS Corporation IXTP3N100P Datasheet HTML 3Page - IXYS Corporation IXTP3N100P Datasheet HTML 4Page - IXYS Corporation IXTP3N100P Datasheet HTML 5Page - IXYS Corporation IXTP3N100P Datasheet HTML 6Page - IXYS Corporation IXTP3N100P Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA3N100P
IXTP3N100P
IXTH3N100P
Fig. 7. Input Admittance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.03.5
4.04.5
5.05.5
6.06.5
VGS - Volts
TJ = 125
oC
25
oC
- 40
oC
Fig. 8. Transconductance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ID - Amperes
TJ = - 40
oC
125
oC
25
oC
Fig. 9. Forward Voltage Drop of Intrinsic Diode
0
1
2
3
4
5
6
7
8
9
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
VSD - Volts
TJ = 125
oC
TJ = 25
oC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
QG - NanoCoulombs
VDS = 500V
I D = 1.5A
I G = 1mA
Fig. 11. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
0.1
1
10
10
100
1,000
VDS - Volts
TJ = 150
oC
TC = 25
oC
Single Pulse
100μs
1ms
RDS(on) Limit
10ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com