Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP05N100P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP05N100P
Description  Fast Intrinsic Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP05N100P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP05N100P Datasheet HTML 1Page - IXYS Corporation IXTP05N100P Datasheet HTML 2Page - IXYS Corporation IXTP05N100P Datasheet HTML 3Page - IXYS Corporation IXTP05N100P Datasheet HTML 4Page - IXYS Corporation IXTP05N100P Datasheet HTML 5Page - IXYS Corporation IXTP05N100P Datasheet HTML 6Page - IXYS Corporation IXTP05N100P Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
DS100272B(6/18)
V
DSS
= 1000V
I
D25
= 0.5A
R
DS(on)
 30
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
1000
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
1000
V
V
GSS
Continuous
 20
V
V
GSM
Transient
 30
V
I
D25
T
C = 25C
0.5
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
1.25
A
I
A
T
C = 25C
0.5
A
E
AS
T
C = 25C50
mJ
dv/dt
I
S
 I
DM, VDD  VDSS,TJ  150C
10
V/ns
P
D
T
C = 25C50
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque ( TO-220)
1.13 / 10
Nm/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
IXTA05N100P
IXTP05N100P
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
1000
V
V
GS(th)
V
DS = VGS, ID = 50μA
2.0
4.0
V
I
GSS
V
GS =  20V, VDS = 0V
 50
nA
I
DSS
V
DS = VDSS, VGS = 0V
10
A
T
J = 125C
750
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
24
30
PolarTM
Power MOSFET
Features
International Standard Packages
Avalanche Rated
Fast Intrinsic Diode
Dynamic dv/dt Rated
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
G = Gate
D
= Drain
S = Source
Tab = Drain
G
S
D (Tab)
TO-220 (IXTP)
TO-263 (IXTA)
D (Tab)
S
G
D


Similar Part No. - IXTP05N100P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP05N100P IXYS-IXTP05N100P Datasheet
164Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results

Similar Description - IXTP05N100P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
logo
IXYS Corporation
IXTV02N250 IXYS-IXTV02N250 Datasheet
244Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Diode
IXTH1R4N250P3 IXYS-IXTH1R4N250P3 Datasheet
154Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Diode
IXTH2N150 IXYS-IXTH2N150 Datasheet
146Kb / 4P
N-Channel Enhancement Mode Fast Intrinsic Diode
IXTT1N250HV IXYS-IXTT1N250HV Datasheet
160Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Diode
IXTT12N150HV IXYS-IXTT12N150HV Datasheet
148Kb / 4P
N-Channel Enhancement Mode Fast Intrinsic Diode
IXTA02N250HV IXYS-IXTA02N250HV Datasheet
191Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Diode
IXTA4N150HV IXYS-IXTA4N150HV Datasheet
204Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Diode
IXTH1N250 IXYS-IXTH1N250 Datasheet
118Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com