Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY05N100 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTY05N100
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY05N100 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTY05N100 Datasheet HTML 1Page - IXYS Corporation IXTY05N100 Datasheet HTML 2Page - IXYS Corporation IXTY05N100 Datasheet HTML 3Page - IXYS Corporation IXTY05N100 Datasheet HTML 4Page - IXYS Corporation IXTY05N100 Datasheet HTML 5Page - IXYS Corporation IXTY05N100 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTU05N100
IXTY05N100
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse test, t
 300s, duty cycle, d  2%.
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 1A
R
G = 47 (External)
I
F = IS, -di/dt = 100A/s
V
R = 100V, VGS = 0V
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 500mA,
Note 1
0.55
0.93
S
C
iss
260
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
22
pF
C
rss
8
pF
t
d(on)
11
ns
t
r
19
ns
t
d(off)
40
ns
t
f
28
ns
Q
g(on)
7.8
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 1A
1.4
nC
Q
gd
4.1
nC
R
thJC
3.1
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
750 mA
I
SM
Repetitive, Pulse Width Limited by T
JM
3
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
710
ns
TO-252 AA Outline
1 - Gate
2,4 - Drain
3 - Source
L1
b2
e1
L4
E
A
c2
H
A1
A2
L2
L
A
e
c
0
e1
e1
e1
e1
e1
OPTIONAL
5.55MIN
1.25MIN
6.50MIN
2.28
6.40
BOTTOM
VIEW
2.85MIN
LAND PATTERN RECOMMENDATION
4
1
2
3
4
L3
b3
TO-251Outline
1. Gate
2.Drain
3. Source
4. Drain
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
2.19
2.38
.086
.094
A1
0.89
1.14
0.35
.045
b
0.64
0.89
.025
.035
b1
0.76
1.14
.030
.045
b2
5.21
5.46
.205
.215
c
0.46
0.58
.018
.023
c1
0.46
0.58
.018
.023
D
5.97
6.22
.235
.245
E
6.35
6.73
.250
.265
e
2.28
BSC
.090
BSC
e1
4.57
BSC
.180
BSC
H
17.02
17.78
.670
.700
L
8.89
9.65
.350
.380
L1
1.91
2.28
.075
.090
L2
0.89
1.27
.035
.050



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com